Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2542 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 2 Page - Semtech Corporation

  SC2542 Datasheet HTML 1Page - Semtech Corporation SC2542 Datasheet HTML 2Page - Semtech Corporation SC2542 Datasheet HTML 3Page - Semtech Corporation SC2542 Datasheet HTML 4Page - Semtech Corporation SC2542 Datasheet HTML 5Page - Semtech Corporation SC2542 Datasheet HTML 6Page - Semtech Corporation SC2542 Datasheet HTML 7Page - Semtech Corporation SC2542 Datasheet HTML 8Page - Semtech Corporation SC2542 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
© 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
Absolute Maximum Ratings
Electrical Characteristics
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
o
k
c
o
L
e
g
a
t
l
o
v
r
e
d
n
U
d
l
o
h
s
e
r
h
T
t
r
a
t
Sg
n
i
s
i
r
C
C
V5
2
.
55
.
55
7
.
5V
s
i
s
e
r
e
t
s
y
H
O
L
V
Us
i
s
e
r
e
t
s
y
h0
0
4V
m
y
l
p
p
u
S
r
e
w
o
P
I
(
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
N
I
I
-
C
C
V
P
)F
,
h
g
i
h
=
N
E
,
2
S
S
/
1
S
S
S
z
H
K
0
0
2
=7
2
1A
m
t
n
e
r
r
u
C
g
n
i
t
a
r
e
p
O
C
C
V
PF
S
G
B
d
n
a
G
T
n
o
F
n
1
,
z
H
K
0
0
2
=4
1A
m
d
e
t
a
l
u
g
e
R
C
C
VV
N
I
V
2
1
>0
1V
n
o
i
t
a
l
u
g
e
R
d
a
o
L
C
C
VA
m
0
2
o
t
0
t
n
e
r
r
u
c
d
a
o
L2
%
t
n
e
r
r
u
C
y
l
p
p
u
S
y
b
d
n
a
t
Se
d
o
m
Y
B
T
S0
0
20
5
3A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
d
t
u
h
Se
d
o
m
n
w
o
d
t
u
h
S1
.
00
1A
µ
Unless specified: TA = 25°C, VIN = 16V, FS = 200KHz.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
P
o
t
2
T
S
B
,
1
T
S
BV
T
S
B
8
3V
D
N
G
P
o
t
N
I
VV
N
I
8
2V
D
N
G
P
o
t
2
M
I
L
I
d
n
a
1
M
I
L
I
N
I
VV
D
N
G
P
o
t
C
C
V
P
d
n
a
C
C
V
4
1V
D
N
G
A
o
t
D
N
G
P
3
.
0
±V
,
2
H
P
o
t
2
T
S
B
,
1
H
P
o
t
1
T
S
B
2
H
P
o
t
2
H
V
R
D
,
1
H
P
o
t
1
H
V
R
D
4
1
o
t
3
.
0
-V
D
N
G
P
o
t
2
L
V
R
D
,
1
L
V
R
D
C
C
V
o
t
3
.
0
-V
D
N
G
P
o
t
N
E
N
I
V
o
t
3
.
0
-V
D
N
G
A
o
t
s
n
i
p
r
e
h
t
o
ll
A
C
C
V
o
t
3
.
0
-V
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J
0
5
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
0
6
-C
°
e
s
a
C
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
3W
/
C
°
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
5
3W
/
C
°
.
c
e
S
0
1
)
g
n
i
r
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
R
E
D
L
O
S
0
6
2C
°
e
g
a
t
l
o
v
k
a
e
p
)
S
n
0
0
1
(
e
s
l
u
p
D
N
G
A
o
t
E
S
A
H
P
3
-V
e
g
a
t
l
o
v
k
a
e
p
)
S
n
0
0
1
(
e
s
l
u
p
D
N
G
A
o
t
L
V
R
D
3
-V
Note: (1) This device is ESD sensitive. Use of standard ESD handling precautions is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com