Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2542 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2542
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2542 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2542 Datasheet HTML 17Page - Semtech Corporation SC2542 Datasheet HTML 18Page - Semtech Corporation SC2542 Datasheet HTML 19Page - Semtech Corporation SC2542 Datasheet HTML 20Page - Semtech Corporation SC2542 Datasheet HTML 21Page - Semtech Corporation SC2542 Datasheet HTML 22Page - Semtech Corporation SC2542 Datasheet HTML 23Page - Semtech Corporation SC2542 Datasheet HTML 24Page - Semtech Corporation SC2542 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
21
 2005 Semtech Corp.
www.semtech.com
SC2542
POWER MANAGEMENT
5VSBY
C12
C27
2.2n/n.p.
C28 2.2n/n.p.
VIN+
VCC
VO2
VIN+
VO1
Q3
Q4
Q2
Q1
VIN+
FB1
PWGRD
FB1
FB2
FB2
L2
4.7uH
C20
C19
SB
C13
VCC
C11
C18
4.7uH
L1
C3
4.7uF
C1
1uF/25V
C10
C16
1uF/16V
C5 12nF
C2
1uF/16V
C4 12nF
C22
1uF/16V
C7 1n F
C24
1n/n.p.
C9
1uF/16V
C25
4.7n F
R25
330
EN
C8
1uF/16V
C6
1n F
R26
330 C26
4.7n F
C14
5VSBY
C17
C15
1uF/16V
C23
1n/n.p.
VIN
1
VCC
2
EN
3
STBY
4
FB1
5
ERROUT1
6
MINSET1
7
SS1
8
ILIM1
9
BST1
10
DRVH1
11
PHASE1
12
PHASE2
17
DRVH2
18
BST2
19
ILIM2
20
SS2
21
MINSET2
22
ERROUT2
23
FB2
24
PWRGD
25
ROSC
26
5VSBY
27
AGND
28
DRVL1
13
PGND
14
PVCC
15
DRVL2
16
TH-PAD
U1
SC2542
C21
R8
88.7k
R12
0
R10
15K
R14
2.2
R17
2.2/n.p.
R20
8.25k
R16
28k
R9
133k
R7
41.2k
R6
41.2k
R22
0
R13
0
R19
28k
R15
2.2
R18
2.2/n.p.
R21
4.87k
R5
10K
R4
73.2K
R11
15K
Typical Applications Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com