Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4612 Datasheet HTML 1Page - Semtech Corporation SC4612 Datasheet HTML 2Page - Semtech Corporation SC4612 Datasheet HTML 3Page - Semtech Corporation SC4612 Datasheet HTML 4Page - Semtech Corporation SC4612 Datasheet HTML 5Page - Semtech Corporation SC4612 Datasheet HTML 6Page - Semtech Corporation SC4612 Datasheet HTML 7Page - Semtech Corporation SC4612 Datasheet HTML 8Page - Semtech Corporation SC4612 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
Absolute Maximum Ratings
All voltages with respect to GND. Positive currents are into, and negative currents are out of the specified terminal. Pulsed
is defined as a less than 10% duty cycle with a maximum duration of 500ns. Consult Packaging Section of Data sheet for
thermal limitations and considerations of packages.
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified in
the Electrical Characteristics section is not implied.
Note:
(1). 1 sq. inch of FR-4, double-sided, 1 oz copper weight.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
D
N
G
o
t
e
g
a
tl
o
V
y
l
p
p
u
S
s
a
i
BD
D
V0
3
o
t
3
.
0
-V
D
N
G
o
t
V
R
D
0
1
o
t
3
.
0
-V
)
k
a
e
p
(
t
n
e
r
r
u
C
e
c
r
u
o
S
V
R
D
0
0
1A
m
D
N
G
o
t
,
M
I
L
I
0
1
o
t
3
.
0
-V
D
N
G
o
t
C
S
O
,
B
F
,
N
E
/
S
S
,
O
A
E
5
+
o
t
3
.
0
-V
D
N
G
o
t
L
D
0
1
+
o
t
3
.
0
-V
E
S
A
H
P
o
t
T
S
B
0
1
+
o
t
3
.
0
-V
D
N
G
o
t
E
S
A
H
PN
I
V0
4
+
o
t
2
-V
E
S
A
H
P
o
t
H
D
0
1
+
o
t
3
.
0
-V
)
D
P
L
M
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
A
J
3
.
5
4W
/
C
°
)
D
P
L
M
(
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
1
1W
/
C
°
)
C
I
O
S
(
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
A
J
5
1
1W
/
C
°
)
C
I
O
S
(
e
s
a
C
o
t
n
o
it
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θ
C
J
5
4W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
OT
J
5
2
1
+
o
t
0
4
-C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
)
s
0
4
-
0
1
(
e
r
u
t
a
r
e
p
m
e
T
w
o
lf
e
R
R
I
k
a
e
PT
w
o
lf
e
R
R
I
0
6
2C
°
)
4
1
-
C
I
O
S
(
,
)
s
0
1
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3C
°
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
ED
S
E2
V
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com