Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC4612
Description  Wide Input Range High Performance Synchronous Buck Switching Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC4612 Datasheet HTML 9Page - Semtech Corporation SC4612 Datasheet HTML 10Page - Semtech Corporation SC4612 Datasheet HTML 11Page - Semtech Corporation SC4612 Datasheet HTML 12Page - Semtech Corporation SC4612 Datasheet HTML 13Page - Semtech Corporation SC4612 Datasheet HTML 14Page - Semtech Corporation SC4612 Datasheet HTML 15Page - Semtech Corporation SC4612 Datasheet HTML 16Page - Semtech Corporation SC4612 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
 2007 Semtech Corp.
www.semtech.com
SC4612
POWER MANAGEMENT
The design guidelines are as following:
1. Set the loop gain crossover frequency w
C for given
switching frequency.
2. Place an integrator at the origin to increase DC and low
frequency gains.
3. Select w
Z1 and wZ2 such that they are placed near wO to
dampen peaking; the loop gain should cross 0dB at a rate
of -20dB/dec.
4. Cancel w
ESR with compensation pole wP1 (wP1 = wESR ).
5. Place a high frequency compensation pole w
P2 at half
the switching frequency to get the maximum attenuation
of the switching ripple and the high frequency noise with
adequate phase lag at w
C.
Application Information (Cont.)
0dB
Gd
T
ωZ1
ω
Z2
p1
p2
c
ESR
ω o
ω
ω
ω
ω
Loop gain T(s)
Figure 2. Simplified asymptotic diagram of buck power
stage and its compensated loop gain.
Table 1
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
0
100
200
300
400
500
600
700
800
900
1000 1100 1200
Frequency, (kHz)
Switching Frequency, F
SW vs. COSC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com