Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC190DEVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC190DEVB
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190DEVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC190DEVB Datasheet HTML 9Page - Semtech Corporation SC190DEVB Datasheet HTML 10Page - Semtech Corporation SC190DEVB Datasheet HTML 11Page - Semtech Corporation SC190DEVB Datasheet HTML 12Page - Semtech Corporation SC190DEVB Datasheet HTML 13Page - Semtech Corporation SC190DEVB Datasheet HTML 14Page - Semtech Corporation SC190DEVB Datasheet HTML 15Page - Semtech Corporation SC190DEVB Datasheet HTML 16Page - Semtech Corporation SC190DEVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
OUTPUT CURRENT (A)
Vin = 3.0V
Vin = 3.6V
Vin = 4.2V
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
OUTPUT CURRENT (A)
Vin = 3.0V
Vin = 3.6V
Vin = 4.2V
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.7
0.9
1.1
1.3
1.5
FREQUENCY (MHz)
VIN = 3.6V
VOUT = 1.0V
IOUT = 0.15A
SC190C Line Regulation (FELDO Bypassed)
SC190C Line Regulation (FELDO Active)
Efficiency vs Load Current
(FELDO Bypassed) - V
OUT = 1.8V
Efficiency vs Load Current
(FELDO Active) - V
OUT = 1.8V
Maximum Input Voltage vs Synchronization
Frequency - V
OUT = 1.0V
Output Voltage vs
Synchronization Frequency
Typical Characteristics (Cont.)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 2.8V
IOUT = 0.15A
VOUT = 2.5V
IOUT = 0.15A
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
2.3
2.4
2.5
2.6
2.7
2.8
2.9
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
INPUT VOLTAGE (V)
VOUT = 2.8V
IOUT = 0.15A
VOUT = 2.5V
IOUT = 0.15A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com