Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC190DEVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC190DEVB
Description  Synchronous Buck Converter with Programmable Output
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC190DEVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC190DEVB Datasheet HTML 1Page - Semtech Corporation SC190DEVB Datasheet HTML 2Page - Semtech Corporation SC190DEVB Datasheet HTML 3Page - Semtech Corporation SC190DEVB Datasheet HTML 4Page - Semtech Corporation SC190DEVB Datasheet HTML 5Page - Semtech Corporation SC190DEVB Datasheet HTML 6Page - Semtech Corporation SC190DEVB Datasheet HTML 7Page - Semtech Corporation SC190DEVB Datasheet HTML 8Page - Semtech Corporation SC190DEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC190
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not implied.
Parameter
Symbol
Maximum
Units
VIN Input
V
IN
-0.3 to 7
V
Logic Inputs (SYNC/PWM,
EN, MODE, VID0, and VID1)
V
N
-0.3 to 7
V
LX Voltage
V
LX
-1 to BP +1
V
VOUT Voltage
V
OUT
-0.3 to VIN + 0.3
V
BP Voltage
V
BP
VIN -0.3 to VIN + 0.3
V
Thermal Impedance Junction to Ambient
θ
JA
*31
°
C/W
VOUT Short Circuit to GND
t
SC
Continuous
s
BP Current
I
BP
0.8
A
LX Current
I
LX
+1.2
A
Storage Temperature
T
S
-65 to +150
°
C
Junction Temperature
T
JC
+150
°
C
Peak IR Reflow Temperature
T
LEAD
260
°
C
* Tied to PCB with 1 square inch, 2 ounce copper.
Unless otherwise noted: V
IN = 3.6V, SYNC/PWM = VIN, MODE = GND, EN = VIN, TA = -40 to 85°C. Typical values are at TA = +25°C. This device is ESD sensitive.
Use of standard ESD handling precautions is required.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
V
IN = VBP
2.7
5.5
V
V
IN ≠ VBP
2.9
5.5
V
Input Voltage Ripple
V
IN PK-PK
C
IN, CBP = 10µF
1
mV
Line Regulation
V
LINEREG
190A, B and D: see note (1)
-0.3
0.3
%/V
190C: see note (2)
-0.5
0.5
%/V
Load Regulation
V
LOADREG
I
OUT = 5mA to 300mA
0.002
%/mA
P-Channel On Resistance
R
DSP
I
LX = 100mA
0.3
Ω
N-Channel On Resistance
R
DSN
I
LX = 100mA
0.2
Ω
Start Up Time
T
START
I
OUT = 150mA
1.25
ms
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com