Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC470ITSTRT Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC470ITSTRT
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470ITSTRT Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC470ITSTRT Datasheet HTML 15Page - Semtech Corporation SC470ITSTRT Datasheet HTML 16Page - Semtech Corporation SC470ITSTRT Datasheet HTML 17Page - Semtech Corporation SC470ITSTRT Datasheet HTML 18Page - Semtech Corporation SC470ITSTRT Datasheet HTML 19Page - Semtech Corporation SC470ITSTRT Datasheet HTML 20Page - Semtech Corporation SC470ITSTRT Datasheet HTML 21Page - Semtech Corporation SC470ITSTRT Datasheet HTML 22Page - Semtech Corporation SC470ITSTRT Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
19
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
As shown below, VOUT and VSSA should be routed as a differential pair to the output capacitor(s).
C11
1uF
R4
20k0
R8
20k0
EN/PSV
1
TON
2
VOUT
3
VCCA
4
FB
5
PGD
6
VSSA
7
PGND
8
DL
9
VDDP
10
ILIM
11
LX
12
DH
13
BST
14
U2
SC470
VOUT
+
C7
220u/25m
VOUT
0402
0402
C6
56p
0402
0603
R12 0R (2)
7343
0402
+
C14
220u/25m
7343
VOUT
VOUT
VSSA
Figure 11: Differential Routing of Feedback and Ground Reference Traces
Next, the schematic in Figure 12 below shows the power section. The highest di/dts occur in the input loop (highlighted
in red) and thus this loop should be kept as small as possible.
Q1
IRF7811AV
Q2
FDS6676S
C2
2n2/50V
VBAT
L1
2u2
+
C7
220u/25m
VOUT
R6 0R (2)
7343
0402
+
C6
220u/25m
7343
0402
C3
0u1/25V
C4
10u/25V
1210
0603
Figure 12: Power Section and Input Loop
The input capacitors should be placed with the highest frequency capacitors closest to the loop to reduce EMI. Use
large copper pours to minimize losses and parasitics. See Figure 13 on Page 20 for an example.
Application Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com