Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC470ITSTRT Datasheet(PDF) 25 Page - Semtech Corporation

Part # SC470ITSTRT
Description  Synchronous Buck Controller for Dynamic Load-Voltage Applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC470ITSTRT Datasheet(HTML) 25 Page - Semtech Corporation

Back Button SC470ITSTRT Datasheet HTML 21Page - Semtech Corporation SC470ITSTRT Datasheet HTML 22Page - Semtech Corporation SC470ITSTRT Datasheet HTML 23Page - Semtech Corporation SC470ITSTRT Datasheet HTML 24Page - Semtech Corporation SC470ITSTRT Datasheet HTML 25Page - Semtech Corporation SC470ITSTRT Datasheet HTML 26Page - Semtech Corporation SC470ITSTRT Datasheet HTML 27Page - Semtech Corporation SC470ITSTRT Datasheet HTML 28Page - Semtech Corporation SC470ITSTRT Datasheet HTML 29Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
25
 2005 Semtech Corp.
www.semtech.com
SC470
POWER MANAGEMENT
Typical Characteristics (Cont.)
Dynamic Output Voltage Switching
From 1V to 1.2V to 1V, No Load
Trace 1: toggle signal (for reference only)
Trace 2: LX, 20V/div
Trace 3: VOUT, 50mV/div, offset 1V
Trace 4: not connected
Timebase: 200µs/div.
Dynamic Output Voltage Switching
From 1V to 1.2V Zoomed, No Load
Dynamic Output Voltage Switching
From 1.2V to 1V Zoomed, No Load
Trace 1: toggle signal (for reference only)
Trace 2: LX, 20V/div
Trace 3: VOUT, 50mV/div, offset 1V
Trace 4: not connected
Timebase: 10µs/div.
Trace 1: toggle signal (for reference only)
Trace 2: LX, 20V/div
Trace 3: VOUT, 50mV/div, offset 1V
Trace 4: not connected
Timebase: 10µs/div.
Please refer to Figure 8 on Page 17 for test schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com