Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC635 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC635
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC635 Datasheet(HTML) 2 Page - Semtech Corporation

  SC635 Datasheet HTML 1Page - Semtech Corporation SC635 Datasheet HTML 2Page - Semtech Corporation SC635 Datasheet HTML 3Page - Semtech Corporation SC635 Datasheet HTML 4Page - Semtech Corporation SC635 Datasheet HTML 5Page - Semtech Corporation SC635 Datasheet HTML 6Page - Semtech Corporation SC635 Datasheet HTML 7Page - Semtech Corporation SC635 Datasheet HTML 8Page - Semtech Corporation SC635 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
 2005SemtechCorp.
www.semtech.com
POWER MANAGEMENT
SC635
AbsoluteMaximumRatings
Exceedingthespecificationsbelowmayresultinpermanentdamagetothedeviceordevicemalfunction.Operationoutsideoftheparametersspecifiedinthe
ElectricalCharacteristicssectionisnotimplied.
Unlessotherwisespecified:TA=25°CforTYP,-40°Cto+60°CforMINandMAX;
C
BUCKET=COUT=1.0μF(ESR<0.1Ω);CIN=10.0μF;VVIN=3.0Vto5.25V;VVOUT=2.8Vto4.25V;RSET=0.5Ω(0.1%).
(1)Calculatedfrompackageinstillair,mountedto3”x4.5”,4layerFR4PCBwiththermalviasundertheexposedpadasperJESD51standards.
(2)TestedaccordingtoJEDECstandardJESD22-A114-B.
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
VIN
-0.3 to +6.5
V
Output Voltage
V
VOUT
-0.3 to +6.5
V
Pin Voltage - FLASH, CTRL, ISET, C1-, C2-
-0.3 to V
VIN + 0.3
V
Pin Voltage - C1+, C2+
-0.3 to V
VOUT + 0.3
V
Thermal Resistance, Junction to Ambient
(JESD51 Standard Method)(1)
q
JA
49
°C/W
VOUT Short Circuit Duration
SC
Indefinite
s
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Junction Temperature Range
T
J
-40 to +150
°C
Storage Temperature Range
T
STG
-60 to +150
°C
Peak IR Flow Temperature
T
LEAD
260
°C
ESD Protection Level(2)
V
ESD
2
kV
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Output Current
I
OUT
FLASH high, R
ISET = 1.25W
3.3V < V
VIN < 4.2V
2.8V < V
VOUT = 4.25V
184
200
216
mA
FLASH low, CTRL high, R
ISET = 1.25W
3.0V < V
VIN < 4.5V
2.8V < V
VOUT < 4.5V
68
80
92
ISET Reference Voltage
V
ISET
FLASH high, R
ISET = 1.25W
3.3V < V
VIN < 4.2V
2.8V < V
VOUT < 4.25V
230
250
270
mV
FLASH low, CTRL high, R
ISET = 1.25W
3.0V < V
VIN < 4.5V
2.8V < V
VOUT < 4.5V
85
100
115
Quiescent Current
I
Q
FLASH high
3.4
5.0
mA
FLASH low, CTRL high
2.0
4.5
mA
FLASH low, CTRL low
0.1
2.0
µA
AbsoluteMaximumRatings
ElectricalCharacteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com