Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC635 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC635
Description  Charge Pump Flash LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC635 Datasheet(HTML) 3 Page - Semtech Corporation

  SC635 Datasheet HTML 1Page - Semtech Corporation SC635 Datasheet HTML 2Page - Semtech Corporation SC635 Datasheet HTML 3Page - Semtech Corporation SC635 Datasheet HTML 4Page - Semtech Corporation SC635 Datasheet HTML 5Page - Semtech Corporation SC635 Datasheet HTML 6Page - Semtech Corporation SC635 Datasheet HTML 7Page - Semtech Corporation SC635 Datasheet HTML 8Page - Semtech Corporation SC635 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
 2005SemtechCorp.
www.semtech.com
POWER MANAGEMENT
SC635
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Flash Mode Start-up Time(1)
t
F-SU
t = 0 when FLASH goes high to I
OUT = 90%
of final value
1
ms
Flash Mode Pulse Duration
t
FLASH
3.3V < V
VIN < 4.2V
I
OUT = 200mA, VVOUT > 2.8V
indefinite
s
Spotlight Mode Start-up Time(1)
t
S-SU
t = 0 when CTRL goes high to I
OUT = 90%
of final value
1
ms
Oscillator Frequency
f
OSC
Device enabled
250
kHz
Oscillator Frequency Accuracy
D
f
OSC
-15
15
%
Short-circuit Output Current
Limit
I
SC
VOUT shorted to GND
465
mA
Input Current Limit
I
LIMIT
3.3V < V
VIN < 4.2V
1.0
2.1
A
Over-temperature Protection(1)
T
OT
150
°C
Hysteresis
10
Logic Input High Threshold
V
IH
FLASH, CTRL
1.5
V
Logic Input Low Threshold
V
IL
FLASH, CTRL
0.4
V
Logic Input High Current
I
IH
FLASH
1
20
35
µA
CTRL
2
40
70
Logic Input High Current
I
IL
FLASH, CTRL
0.1
2.0
µA
ISET Ripple Voltage(1)
V
ISET(P-P)
Spotlight mode - I
OUT = 80mA
25
mV
FLASH mode - I
OUT = 200mA
100
Notes:
(1)Guaranteedbydesign-nottestedinproduction.
ElectricalCharacteristics(Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com