Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4812 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4812
Description  Current Mode PWM Controller with Integrated Start-up Circuit and Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4812 Datasheet(HTML) 1 Page - Semtech Corporation

  SC4812 Datasheet HTML 1Page - Semtech Corporation SC4812 Datasheet HTML 2Page - Semtech Corporation SC4812 Datasheet HTML 3Page - Semtech Corporation SC4812 Datasheet HTML 4Page - Semtech Corporation SC4812 Datasheet HTML 5Page - Semtech Corporation SC4812 Datasheet HTML 6Page - Semtech Corporation SC4812 Datasheet HTML 7Page - Semtech Corporation SC4812 Datasheet HTML 8Page - Semtech Corporation SC4812 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
www.semtech.com
SC4812
Current Mode PWM Controller with
Integrated Start-up Circuit and Op Amp
POWER MANAGEMENT
Revision: February 6, 2007
Description
Features
Applications
Typical Application Circuit
Wide input range 12V to 90V
High-voltage start-up circuit
Current mode control
Transconductance error amplifier
Leading-edge blanking
Cycle by cycle current limit
Programmable external soft-start
Thermal shutdown
SO-8 package. Fully WEEE and RoHS compliant
The SC4812 is a highly integrated current mode PWM
controller designed for isolated or non-isolated dc-dc con-
verters in telecommunication and data communication
applications. It minimizes the amount of external discrete
components needed and leads to substantial cost and
space saving converter designs.
The circuitry of the SC4812 includes an integrated high
voltage start-up circuit suitable for telecom/industrial
voltage applications. It is disabled during regular opera-
tion and improves efficiency. Current mode control with
leading-edge blanking simplifies control loop design and
internal ramp compensation circuit stabilizes the current
loop when operating above 50% duty cycle. Internal er-
ror amplifier could be used for non-isolated applications.
IP phones, PoE
Telecom isolated converters
Off-line isolated power supplies
Instrumentation power supplies
Battery chargers
C6
C4
R1
R4
C3
C2
C5
R3
Q1
C1
R5
SS/SHDN
4
FB
2
COMP
3
CS
5
GND
6
OUT
7
U1
SC4812
D1
R2
Vin
T1
Vout


Similar Part No. - SC4812

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4810A SEMTECH-SC4810A Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810AIMLTRT SEMTECH-SC4810AIMLTRT Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810AITSTRT SEMTECH-SC4810AITSTRT Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810B SEMTECH-SC4810B Datasheet
362Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
SC4810B SEMTECH-SC4810B Datasheet
398Kb / 24P
High Performance Current Mode PWM Controller with Complementary Output, Programmable Delay
More results

Similar Description - SC4812

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
KA3842A WINGS-KA3842A Datasheet
153Kb / 5P
Linear Integrated Circuit(CURRENT-MODE PWM CONTROLLER)
logo
Microsemi Corporation
LX1552 MICROSEMI-LX1552 Datasheet
378Kb / 18P
ULTRA-LOW START-UP CURRENT, CURRENT-MODE PWM
logo
List of Unclassifed Man...
CM6800 ETC-CM6800 Datasheet
337Kb / 19P
LOW START UP CURRENT PFC/PWM CONTROLLER COMBO
CM6824 ETC1-CM6824 Datasheet
342Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
LD7575 ETC2-LD7575 Datasheet
337Kb / 18P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
logo
Champion Microelectroni...
CM6800A CHAMP-CM6800A Datasheet
518Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800 CHAMP-CM6800 Datasheet
294Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
CM6800A CHAMP-CM6800A_09 Datasheet
295Kb / 18P
LOW START-UP CURRENT PFC/PWM CONTROLLER COMBO
logo
First Components Intern...
UC3842A-BW FCI-UC3842A-BW Datasheet
2Mb / 10P
Current Mode PWM Controller Low Start-Up and Operating Current
logo
Leadtrend Technology
LD7575 LEADTREND-LD7575 Datasheet
340Kb / 17P
Green-Mode PWM Controller with High-Voltage Start-Up Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com