Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4812STRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC4812STRT
Description  Current Mode PWM Controller with Integrated Start-up Circuit and Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4812STRT Datasheet(HTML) 4 Page - Semtech Corporation

  SC4812STRT Datasheet HTML 1Page - Semtech Corporation SC4812STRT Datasheet HTML 2Page - Semtech Corporation SC4812STRT Datasheet HTML 3Page - Semtech Corporation SC4812STRT Datasheet HTML 4Page - Semtech Corporation SC4812STRT Datasheet HTML 5Page - Semtech Corporation SC4812STRT Datasheet HTML 6Page - Semtech Corporation SC4812STRT Datasheet HTML 7Page - Semtech Corporation SC4812STRT Datasheet HTML 8Page - Semtech Corporation SC4812STRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
 2007 Semtech Corp.
www.semtech.com
SC4812
POWER MANAGEMENT
Note:
(1) This device is ESD sensitive. Use of standard ESD handling precautions is required.
Electrical Characteristics (Cont.)
Unless specified: V
CC = 12V, a 10uF capacitor connects VCC to GND, VCS = 0, VIN = 48V, a 0.1uF capacitor connects SS/SHDN to GND, OUT = open
circuit, FB = GND, T
A = TJ = -40 to +125ºC. Typical values are at TA = 25ºC
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Ms
t
i
n
U
t
i
m
i
L
t
n
e
r
r
u
C
e
g
a
tl
o
V
d
l
o
h
s
e
r
h
T
S
C
9
1
45
6
40
1
5V
m
t
n
e
r
r
u
C
s
a
i
B
t
u
p
n
I
S
C0
≤ V
S
C
≤ V
21
-1
A
µ
e
t
a
G
o
t
y
a
l
e
D
n
o
it
a
g
a
p
o
r
P
0
7S
n
e
m
i
T
g
n
i
k
n
a
l
B
S
C
0
7S
n
t
r
a
t
S
t
f
o
S
t
n
e
r
r
u
C
e
c
r
u
o
S
S
SV
N
D
H
S
/
S
S
0
=4
6
8
A
µ
t
n
e
r
r
u
C
k
n
i
S
S
S
1A
m
d
l
o
h
s
e
r
h
T
n
w
o
d
t
u
h
SV
N
D
H
S
/
S
S
g
n
il
l
a
f5
2
.
05
.
06
.
0
V
V
N
D
H
S
/
S
S
g
n
i
s
ir1
6
.
07
.
08
.
0
t
u
p
t
u
O
t
n
e
r
r
u
C
e
c
r
u
o
S
k
a
e
P
0
7
5A
m
t
n
e
r
r
u
C
k
n
i
S
k
a
e
P
0
0
0
1A
m
e
m
i
T
e
s
i
RC
L
F
n
1
=5
4S
n
e
m
i
T
ll
a
FC
L
F
n
1
=5
3S
n
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
e
r
u
t
a
r
e
p
m
e
T
n
w
o
d
t
u
h
S
l
a
m
r
e
h
T
0
5
1C
°
s
i
s
e
r
e
t
s
y
H
l
a
m
r
e
h
T
5
2C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com