Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4812STRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4812STRT
Description  Current Mode PWM Controller with Integrated Start-up Circuit and Op Amp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4812STRT Datasheet(HTML) 2 Page - Semtech Corporation

  SC4812STRT Datasheet HTML 1Page - Semtech Corporation SC4812STRT Datasheet HTML 2Page - Semtech Corporation SC4812STRT Datasheet HTML 3Page - Semtech Corporation SC4812STRT Datasheet HTML 4Page - Semtech Corporation SC4812STRT Datasheet HTML 5Page - Semtech Corporation SC4812STRT Datasheet HTML 6Page - Semtech Corporation SC4812STRT Datasheet HTML 7Page - Semtech Corporation SC4812STRT Datasheet HTML 8Page - Semtech Corporation SC4812STRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
 2007 Semtech Corp.
www.semtech.com
SC4812
POWER MANAGEMENT
Absolute Maximum Ratings
Exceeding the specifications below may result in permanent damage to the device, or device malfunction. Operation outside of the parameters specified
in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may affect device
reliability.
Pin Configuration
Ordering Information
r
e
b
m
u
N
t
r
a
Pk
r
a
M
p
o
Te
g
a
k
c
a
P
T
R
T
S
2
1
8
4
C
S
)
2
(
)
1
(
2
1
8
4
C
S8
-
O
S
B
V
E
2
1
8
4
C
Sd
r
a
o
B
n
o
it
a
u
l
a
v
E
Notes:
(1) Only available in tape and reel packaging. A reel
contains 2500 devices.
(2) Lead free product. This product is fully WEEE and RoHS
compliant.
CS
GND
OUT
VCC
COMP
FB
SS/SHDN
VIN
(SO - 8 PIN)
TOP VIEW
Note:
(1) Mounted to 3” x 4.5”, 4 layer FR4 PCB in still air per JESD51 standards.
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
t
u
p
n
IV
N
I
0
0
1
o
t
5
.
0
-V
e
g
a
tl
o
V
y
l
p
p
u
SV
C
C
8
1
o
t
5
.
0
-V
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
0
2A
m
D
N
G
o
t
N
D
H
S
/
S
S
d
n
a
,
S
C
,
P
M
O
C
,
B
F
7
o
t
5
.
0
-V
t
n
e
r
r
u
C
k
a
e
P
T
U
O
1
±A
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
s
u
o
u
n
it
n
o
CP
D
d
e
ti
m
il
y
ll
a
n
r
e
t
n
IW
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
0
4
-C
°
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
A
J
5
0
1W
/
C
°
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-C
°
.
c
e
S
0
1
)
g
n
ir
e
d
l
o
S
(
e
r
u
t
a
r
e
p
m
e
T
d
a
e
LT
D
A
E
L
0
0
3
+C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com