Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC2545
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC2545 Datasheet HTML 12Page - Semtech Corporation SC2545 Datasheet HTML 13Page - Semtech Corporation SC2545 Datasheet HTML 14Page - Semtech Corporation SC2545 Datasheet HTML 15Page - Semtech Corporation SC2545 Datasheet HTML 16Page - Semtech Corporation SC2545 Datasheet HTML 17Page - Semtech Corporation SC2545 Datasheet HTML 18Page - Semtech Corporation SC2545 Datasheet HTML 19Page - Semtech Corporation SC2545 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
16
ã 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
The compensator in Figure 10 includes an error ampli-
fier and impedance networks Zf and Zs. It is implemented
by the circuit in Figure 12. The compensator provides an
integrator, double poles, and double zeros. As shown in
Figure 11, the integrator is used to boost the gain at low
frequency. Two zeros are introduced to compensate ex-
cessive phase lag at the loop gain crossover due to
the integrator (-90deg) and the complex pole pair (-
180deg). Two high frequency poles are designed to com-
pensate the ESR zero and to attenuate high frequency
noise.
Fig. 11. Bode plots for control loop design.
where 0.75V is the internal reference voltage of the
SC2545.
The other components of the compensator can be cal-
culated using following design procedure:
(1). Plot the converter gain, including LC filter and PWM
modulator.
5WRS
9
9R
9
5ERW
 





Fig. 12. Compensation network.
A resistive divider is used to program the output voltage.
The top resistor Rtop of the divider in Fig. 12 can be cho-
sen from 20k : to 30k : . Then the bottom resistor
Rbot is found from:
)R
)]
)]
)]
)S
)S
)F
B
6
DI
Ãq
7

AS@RV@I8`ÃC“
8PHQ@IT6UPSÃB6DI
8PIW
@SU@
SÃB6
DI
GPPQ
ÃB6DI
)R
)]
)]
)]
)S
)S
)F
B
6
DI
Ãq
7

AS@RV@I8`ÃC“
8PHQ@IT6UPSÃB6DI
8PIW
@SU@
SÃB6
DI
GPPQ
ÃB6DI
5ERW
9F
5
&
($
5
&
5WRS
&
9
9R


2XW
(2). Select the open loop crossover frequency Fc located
at 10% to 20% of the switching frequency. At Fc, find the
required DC gain.
(3). Use the first compensator pole Fp1 to cancel the
ESR zero Fz.
(4). Have the second compensator pole Fp2 at half the
switching frequency to attenuate the switching ripple and
high frequency noise.
(5). Place the first compensator zero Fz1 at or below
50% of the power stage resonant frequency Fo.
(6). Place the second compensator zero Fz2 at or below
the power stage resonant frequency Fo.
A MathCAD program is available upon request for the
calculation of the compensation parameters.
Applications Information (Cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com