Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2545 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SC2545
Description  High Performance Wide Input Range Dual Synchronous Buck Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2545 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SC2545 Datasheet HTML 16Page - Semtech Corporation SC2545 Datasheet HTML 17Page - Semtech Corporation SC2545 Datasheet HTML 18Page - Semtech Corporation SC2545 Datasheet HTML 19Page - Semtech Corporation SC2545 Datasheet HTML 20Page - Semtech Corporation SC2545 Datasheet HTML 21Page - Semtech Corporation SC2545 Datasheet HTML 22Page - Semtech Corporation SC2545 Datasheet HTML 23Page - Semtech Corporation SC2545 Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
© 2005 Semtech Corp.
www.semtech.com
SC2545
POWER MANAGEMENT
Efficiency Curve for Vout=3.3V.
Typical Characteristics (Cont.)
Operating frequency vs. Rosc.
RILIM vs. OCP (Vi=12V).
Freq. vs. Temp. ( Rosc=75kohm, Vin=16V).
Vcc vs. Vin ( Ta=25 Degree C).
Vcc vs. Temp.
4
5
6
7
8
9
4.5 5.0
5.5 6.0
6.5 7.0 7.5
8.0 8.5
9.0 9.5
RILIM(KOHM)
50
100
150
200
250
300
350
Rosc(KOHM)
178
180
182
184
186
188
190
-40
-10
20
50
80
110
Temperature (Degree C)
9.5
9.7
9.9
10.1
10.3
10.5
10 12 14 16 18 20 22 24 26 28 30
Vin (V)
10.03
10.05
10.07
10.09
10.11
10.13
-40
-20
0
20406080
100
120
Tj (Degree C)
0%
20%
40%
60%
80%
100%
0
1234
567
89
10
Io(A)
Vin=8V
V in=16V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com