Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2602LEVB Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2602LEVB
Description  Synchronous Voltage Mode Controller for Distributed Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602LEVB Datasheet(HTML) 5 Page - Semtech Corporation

  SC2602LEVB Datasheet HTML 1Page - Semtech Corporation SC2602LEVB Datasheet HTML 2Page - Semtech Corporation SC2602LEVB Datasheet HTML 3Page - Semtech Corporation SC2602LEVB Datasheet HTML 4Page - Semtech Corporation SC2602LEVB Datasheet HTML 5Page - Semtech Corporation SC2602LEVB Datasheet HTML 6Page - Semtech Corporation SC2602LEVB Datasheet HTML 7Page - Semtech Corporation SC2602LEVB Datasheet HTML 8Page - Semtech Corporation SC2602LEVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602L
Block Diagram
Synchronous Buck Converter
The output rail is regulated by a synchronous, voltage-
mode pulse width modulated (PWM) controller. This
section has all the features required to build a high effi-
ciency synchronous buck converter, including “Power
Good” flag, shut-down, and cycle-by-cycle current limit.
The output voltage of the synchronous converter is set
and controlled by the output of the error amplifier. The
external resistive divider reference voltage is derived from
an internal trimmed-bandgap voltage reference (See Fig.
1). The inverting input of the error amplifier receives its
voltage from the SENSE pin.
The internal oscillator uses an on-chip capacitor and
trimmed precision current sources to set the oscillation
frequency to 200kHz. The triangular output of the oscil-
lator sets the reference voltage at the inverting input of
the comparator. The non-inverting input of the compara-
tor receives it’s input voltage from the error amplifier.
When the oscillator output voltage drops below the er-
ror amplifier output voltage, the comparator output goes
high. This pulls DL low, turning off the low-side FET, and
DH is pulled high, turning on the high-side FET (once
the cross-current control allows it). When the oscillator
voltage rises back above the error amplifier output volt-
age, the comparator output goes low. This pulls DH low,
turning off the high-side FET, and DL is pulled high, turn-
ing on the low-side FET (once the cross-current control
allows it).
As SENSE increases, the output voltage of the error
amplifier decreases. This causes a reduction in the on-
time of the high-side MOSFET connected to DH, hence
lowering the output voltage.
Under Voltage Lockout
The under voltage lockout circuit of the SC2602L as-
sures that the high-side MOSFET driver outputs remain
in the off state whenever the supply voltage drops below
set parameters. Lockout occurs if V
CC falls below 4.1V.
Normal operation resumes once V
CC rises above 4.2V.
Over-Voltage Protection
The over-voltage protection pin (OVP) is high only when
the voltage at SENSE is 20% higher than the target value
programmed by the external resistor divider. The OVP
pin is internally connected to a PNP’s collector.
Power Good
The power good function is to confirm that the regulator
outputs are within +/-10% of the programmed level.
PWRGD remains high as long as this condition is met.
PWRGD is connected to an internal open collector NPN
transistor.
Theory of Operation
+10%
-10%
0.8V
+20%
DRVH
DRVH
Cross
Current
Control
DRVL
DRVL
S
R
QB
S
R
QB
Under
Voltage
Over Current
Oscillator
One Shot
PWM
Fault
Error Amp
Vbg
Vbg
VCC
VCC
200uA
10uA
1.5uA
0.6V
0.8V
VCC
PWRGD
OVP
COMP
SENSE
SS/SHDN
PGND
OCSET
BSTH
PHASE
BSTL
DL
DH
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com