Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2602LEVB Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC2602LEVB
Description  Synchronous Voltage Mode Controller for Distributed Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2602LEVB Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC2602LEVB Datasheet HTML 6Page - Semtech Corporation SC2602LEVB Datasheet HTML 7Page - Semtech Corporation SC2602LEVB Datasheet HTML 8Page - Semtech Corporation SC2602LEVB Datasheet HTML 9Page - Semtech Corporation SC2602LEVB Datasheet HTML 10Page - Semtech Corporation SC2602LEVB Datasheet HTML 11Page - Semtech Corporation SC2602LEVB Datasheet HTML 12Page - Semtech Corporation SC2602LEVB Datasheet HTML 13Page - Semtech Corporation SC2602LEVB Datasheet HTML 14Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
 2005 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC2602L
or
R
1
G pwm V in
G m
F o
F esr
2
F x_over
F o
V o
V bg
:=
when
(5) The compensation capacitor is determined by choos-
ing the compensator zero to be about one fifth of the
output filter corner frequency:
(6) The final step is to generate the Bode plot, either by
using the simulation model in Fig. 2 or using the equa-
tions provided here with Mathcad. The phase margin
can then be checked using the Bode plot. Usually, this
design procedure ensures a healthy phase margin.
(7) An additional capacitor should be reserved at the
compensation pin to ground to have another high fre-
quency pole.
An example is given below to demonstrate the proce-
dure introduced above. The parameters of the power
supply are given as :
F esr
F o
<
F x_over
<
F zero
F o
5
C
1
2
π
. R
. F
zero
.
The parameters of the power supply are given as :
Step 1. Output filter corner frequency
Step 2. ESR zero frequency:
Step 3. Check the following condition:
F esr
F sw
5
<
Which is satisfied in this case.
Step 4. Choose crossover frequency and calculate
compensator R:
R4.8 K
=
Step 5. Calculate the compensator C:
Step 6. Generate Bode plot and check the phase mar-
gin. In this case, the phase margin is about 85oC that
ensures the loop stability.
Applications Information (Cont.)
V in 12 V
.
V o 3.3 V
.
I o 12 A
.
F sw 200 KHz
.
L4
µH
.
C o 1200 µF
.
R c 0.02 Ω
.
V bg
0.8 V
.
V ramp 1V
.
G m
1.8 mA
.
V
F o 2.516 KHz
=
F esr 7.958 KHz
=
F x_over 20 KHz
=
C
65.886 nF
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com