Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29F2B6 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7FLITE29F2B6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29F2B6 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7FLITE29F2B6 Datasheet HTML 92Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 93Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 94Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 95Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 96Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 97Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 98Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 99Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 133 page
background image
ST7LITE2
96/133
OPERATING CONDITIONS (Cont’d)
13.3.4.2 RC oscillator and PLL characteristics (tested for TA = -40 to +85°C) @ VDD = 2.7 to 3.3V
Notes:
1. If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a
decoupling capacitor, typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2. Data based on characterization results, not tested in production
3. See “INTERNAL RC OSCILLATOR ADJUSTMENT” on page 23.
4. Guaranteed by design.
5. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy
6. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 12 on page 24.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
1)
Internal RC oscillator fre-
quency 1)
RCCR = FF (reset value), TA=25°C, VDD= 3.0V
560
kHz
RCCR=RCCR13) ,TA=25°C,VDD= 3V
700
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR=RCCR12)3)
TA=25°C,VDD=3V
-2
+2
%
TA=25°C,VDD=2.7 t 3.3V
-25
+25
%
TA=-40 to +85°C,VDD=3V
-15
15
%
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=3V
7002)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=3V
103)
µs
fPLL
x4 PLL input clock
0.72)
MHz
tLOCK
PLL Lock time6)
2ms
tSTAB
PLL Stabilization time6)
4ms
ACCPLL
x4 PLL Accuracy
fRC = 1MHz@TA=25°C,VDD=2.7 to 3.3V
0.15)
%
fRC = 1MHz@TA=40 to +85°C,VDD= 3V
0.15)
%
tw(JIT)
PLL jitter period
fRC = 1MHz
1254)
µs
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
4)
%
IDD(PLL)
PLL current consumption TA=25°C
1902)
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com