Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29F2B6 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7FLITE29F2B6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29F2B6 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7FLITE29F2B6 Datasheet HTML 96Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 97Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 98Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 99Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 100Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 101Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 102Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 103Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 133 page
background image
ST7LITE2
100/133
SUPPLY CURRENT CHARACTERISITCS (Cont’d)
Figure 62. Typical IDD in WAIT vs. fCPU
Figure 63. Typical IDD in SLOW-WAIT vs. fCPU
Figure 64. Typical IDD in AWUFH mode
at TA=25°C
Figure 65. Typical IDD vs. Temperature
at VDD = 5V and fCPU = 8MHz
13.4.2 On-chip peripherals
Notes:
1. Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer running in PWM
mode at fcpu=8MHz.
2. Data based on a differential IDD measurement between reset configuration and a permanent SPI master communica-
tion (data sent equal to 55h).
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions with am-
plifier off.
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd (V)
8Mhz
4Mhz
1MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd (V)
250KHz
125KHz
62.5Khz
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd(V)
fawu_rc ~125 KHz
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
Vdd (V)
25°
-45°
90°
130°
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current 1)
fCPU=4MHz
VDD=3.0V
300
µA
fCPU=8MHz
VDD=5.0V
1000
IDD(SPI)
SPI supply current 2)
fCPU=4MHz
VDD=3.0V
50
fCPU=8MHz
VDD=5.0V
300
IDD(ADC)
ADC supply current when converting 3)
fADC=4MHz
VDD=3.0V
250
VDD=5.0V
1100
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com