Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29F2B6 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7FLITE29F2B6
Description  8-BIT MICROCONTROLLER WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29F2B6 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7FLITE29F2B6 Datasheet HTML 114Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 115Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 116Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 117Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 118Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 119Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 120Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 121Page - STMicroelectronics ST7FLITE29F2B6 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 133 page
background image
ST7LITE2
118/133
ADC CHARACTERISTICS (Cont’d)
Notes:
1. Data based on characterization results over the whole temperature range, not tested in production.
2. For precise conversion results it is recommended to calibrate the amplifier at the following two points:
– offset at VINmin = 0V
– gain at full scale (for example VIN=430mV)
3. Monotonicity guaranteed if VIN increases or decreases in steps of min. 5mV.
4. Please refer to the Application Note AN1830 for details of TE% vs Vin.
5. Refer to the offset variation in temperature below
13.11.1 Amplifier output offset variation
The offset is quite sensitive to temperature varia-
tions. In order to ensure a good reliability in meas-
urements, the offset must be recalibrated periodi-
cally i.e. during power on or whenever the device
is reset depending on the customer application
and during temperature variation. The table below
gives the typical offset variation over temperature:
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(AMP)
Amplifier operating voltage
3.6
5.5
V
VIN
Amplifier input voltage4)
VDD=3.6V
0
350
mV
VDD=5V
0
500
VOFFSET
Amplifier output offset voltage5)
VDD=5V
200
mV
VSTEP
Step size for monotonicity3)
VDD=3.6V
3.5
mV
VDD=5V
4.89
Linearity
Output Voltage Response
Linear
Gain factor
Amplified Analog input Gain2)
8
Vmax
Output Linearity Max Voltage
VINmax = 430mV,
VDD=5V
3.65
3.94
V
Vmin
Output Linearity Min Voltage
200
mV
Typical Offset Variation (LSB)
UNIT
-45
-20
+25
+90
°C
-12
-7
-
+13
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com