Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K96E Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT82K96E
Description  USB Multimedia Keyboard Encoder 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K96E Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT82K96E Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 15Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
HT82K96E
Rev. 2.00
12
October 11, 2007
Once the internal WDT oscillator (RC oscillator with a
period of 31
ms/5V normally) is selected, it is first divided
by 256 (8-stage) to get the nominal time-out period of
8ms/5V. This time-out period may vary with tempera-
tures, VDD and process variations. By invoking the
WDT prescaler, longer time-out periods can be realized.
Writing data to WS2, WS1, WS0 (bit 2,1,0 of the WDTS)
can give different time-out periods. If WS2, WS1, and WS0
are all equal to 1, the division ratio is up to 1:128, and the
maximum time-out period is 1s/5V. If the WDT oscillator is
disabled, the WDT clock may still come from the instruc-
tion clock and operates in the same manner except that
in the HALT state the WDT may stop counting and lose
its protecting purpose. In this situation the logic can only
be restarted by external logic. The high nibble and bit 3
of the WDTS are reserved for user
¢s defined flags, which
can only be set to
²10000² (WDTS.7~WDTS.3).
If the device operates in a noisy environment, using the
on-chip 32kHz RC oscillator (WDT OSC) is strongly rec-
ommended, since the HALT will stop the system clock.
WS2
WS1
WS0
Division Ratio
000
1:1
001
1:2
010
1:4
011
1:8
1
0
0
1:16
1
0
1
1:32
1
1
0
1:64
1
1
1
1:128
WDTS (09H) Register
The WDT overflow under normal operation will initialize
²chip reset² and set the status bit ²TO². But in the HALT
mode, the overflow will initialize a
²warm reset² and only
the Program Counter and SP are reset to zero. To clear
the contents of WDT (including the WDT prescaler),
three methods are adopted; external reset (a low level to
RES), software instruction and a
²HALT² instruction.
The software instruction include
²CLR WDT² and the
other set
-²CLR WDT1² and ²CLR WDT2². Of these
two types of instruction, only one can be active depend-
ing on the ROM code option
-²CLR WDT times selec-
tion option
².Ifthe ²CLR WDT² is selected (i.e. CLRWDT
times equal one), any execution of the
²CLR WDT² in-
struction will clear the WDT. In the case that
²CLR WDT²
and
²CLR WDT² are chosen (i.e. CLRWDT times equal
two), these two instructions must be executed to clear
the WDT; otherwise, the WDT may reset the chip as a
result of time-out.
The time-out periods defined in WDTS can used as
²wake-up period² in the Mouse Hardware wake-up func-
tion. Please reference to Mouse Hardware Wake-up
function description.
Power Down Operation
- HALT
The HALT mode is initialized by the
²HALT² instruction
and results in the following...
· The system oscillator will be turned off but the WDT
oscillator remains running (if the WDT oscillator is se-
lected).
· The contents of the on chip RAM and registers remain
unchanged.
· WDT and WDT prescaler will be cleared and re-
counted again (if the WDT clock is from the WDT os-
cillator).
· All of the I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². After the TO and PDF flags are
examined, the reason for chip reset can be determined.
The PDF flag is cleared by system power-up or execut-
ing the
²CLR WDT² instruction and is set when execut-
ing the
²HALT² instruction. The TO flag is set if the WDT
time-out occurs, and causes a wake-up that only resets
the Program Counter and SP; the others remain in their
original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by mask option. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If it awakens from an interrupt, two sequence
may occur. If the related interrupt is disabled or the inter-
rupt is enabled but the stack is full, the program will re-
sume execution at the next instruction. If the interrupt is
enabled and the stack is not full, the regular interrupt re-
sponse takes place. If an interrupt request flag is set to
²1² before entering the HALT mode, the wake-up func-
tion of the related interrupt will be disabled. Once a
wake-up event occurs, it takes 1024 tSYS (system clock
period) to resume normal operation. In other words, a
dummy period will be inserted after a wake-up. If the
wake-up results from an interrupt acknowledge signal,
the actual interrupt subroutine execution will be delayed
by one or more cycles. If the wake-up results in the next
instruction execution, this will be executed immediately
after the dummy period is finished.
To minimize power consumption, all the I/O pins should
be carefully managed before entering the HALT status.
Reset
There are three ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com