Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K96E Datasheet(PDF) 24 Page - Holtek Semiconductor Inc

Part # HT82K96E
Description  USB Multimedia Keyboard Encoder 8-Bit OTP MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K96E Datasheet(HTML) 24 Page - Holtek Semiconductor Inc

Back Button HT82K96E Datasheet HTML 20Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 21Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 22Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 23Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 24Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 25Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 26Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 27Page - Holtek Semiconductor Inc HT82K96E Datasheet HTML 28Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
HT82K96E
Rev. 2.00
24
October 11, 2007
The A/D converter implemented in the MCU is a 6-channel 8-bit A/D converter. The reference voltage (high reference
voltage and low reference voltage) can be selected as coming from external pins (PB6/VRL and PB7/VRH) or internal
power supplies of MCU (VDD and VSS). The VRL and VRH are used to set the minimal and maximal boundaries of the
full-scale range of the A/D converter. If an analog inputs, VRL or VRH is not used for A/D conversion, it also can be used
as a general purpose I/O line. The ADSC (A/D converter status and control register) register is used to set the configu-
rations and A/D clock sources of A/D converter and control the operation of A/D converter.
Bit No.
Label
Function
2~0
ACS2~ACS0
These 3 bits are use to select one of eight A/D converter channels for the conversion.
The A/D converter input channels AN0~AN5 are pin-shared with PB0~PB5. PB6/VRL
and PB7/VRH are used for the A/D converter reference inputs. ACS2,ACS1,ACS0 :
000/001/010/011/100/101/110/111: AN0/AN1/AN2/AN3/AN4/AN5/VRL/VRH
4
3
ADCS1
ADCS0
A/D converter clock source selection. ADCS1,ADCS0:
00: 6MHz
01: 3MHz
10: 1.5MHz
11: 0.75MHz
5
START
Start the A/D conversion. (0
®1®0: start, 0®1: reset A/D converter and A/D data regis-
ter)
6
ADON
This bit is used to control the enable/disable of A/D converter circuit. If this bit is set to
²1² the A/D converter enters operating mode. Otherwise, the A/D converter will be
turned-off
7
EOCB
End of A/D conversion indication. (0: end of A/D conversion)
ADSC (1DH) Register
The A/D converter data register is used to store the result of A/D conversion.
Bit No.
Label
Function
7~0
D7~D0
Result of A/D conversion
ADR (1EH) Register
Mask Options
The following table shows all kinds of mask option in the microcontroller. All of the mask options must be defined to en-
sure proper system functioning.
No.
Option
1
Chip lock bit (by bit)
2
PA0~PA7 pull-high resistor enabled or disabled (by bit)
3
PA0~PA5 pull down resistor enabled or disabled (by bit)
4
PB0~PB7 pull-high resistor enabled or disabled (by nibble)
5
PC0~PC7 pull-high resistor enabled or disabled (by nibble)
6
PD0~PD7 pull-high resistor enabled or disabled (by nibble)
7
LVR enable or disable
8
WDT enable or disable
9
WDT clock source: fSYS/4 or WDTOSC
10
²CLRWDT² instruction(s): 1 or 2
11
PA0~PA7 output structures: CMOS/NMOS open-drain/PMOS open-drain (by bit)
12
PA0~PA7 wake-up enabled or disabled (by bit)
13
A/D converter enabled or disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com