Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V24 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT82V24
Description  16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V24 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT82V24 Datasheet HTML 9Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 10Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 11Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 12Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 13Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 14Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 15Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 16Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Application Circuits
The recommended circuit configuration for the 3-channel CDS mode operation is shown in the figure below (ADI mode
data output format). The recommended input coupling capacitor value is 0.1
mF.
A single ground plane is recommended for the HT82V24. A separate power supply may be used for DRVDD, the digital
driver supply, but this supply pin should still be decoupled to the same ground plane as with the rest of the HT82V24.
The loading of the digital outputs should be minimized, either by using short traces to the digital ASIC, or by using exter-
nal digital buffers. To minimize the effect of digital transients during major output code transitions, the falling edge of the
CDSCLK2 should occur in coincidence with or before the rising edge of ADCCLK. All 0.1
mF decoupling capacitors
should be located as close as possible to the HT82V24 pins. When operating in a single channel mode, the unused an-
alog inputs should be grounded.
Note:
For the 3-channel SHA mode, all of the above considerations also apply for this configuration, except that the
analog input signals are directly connected to the HT82V24 without the use of coupling capacitors. The OFF-
SET pin should be grounded if the inputs to the HT82V24 are to be referenced to ground, or a DC offset voltage
should be applied to the OFFSET pin in the case where a coarse offset needs to be removed from the inputs.
The analog input signals must already be dc-biased between 0V and 2V, if OFFSET is connected to ground.
HT82V24
Rev. 1.00
13
September 7, 2005
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
A V D D
A V S S
V I N R
O F F S E T
V I N G
C M L
V I N B
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A
C D S C L K 1 / V S M P
C D S C L K 2
A D C C L K
O E
D V D D
D V S S
D 7 ( M S B )
D 6
D 5
D 4
D 3
D 2
D 1
D 0 ( L S B )
H T 8 2 V 2 4 ( C D S M o d e )
0 . 1 m F
1 . 0 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
1 0 m F
V D D
5 V / 3 V
R e d I n p u t
0 . 1 m F
5 V
C l o c k
I n p u t s
D a t a
O u t p u t s
S e r i a l
I n p u t s
0 . 1 m F
0 . 1 m F
G r e e n I n p u t
B l u e I n p u t
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
V I N R
O F F S E T
C M L
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A
A V S S
A V D D
V S M P
A D C C L K
D V D D
D V S S
D 7
D 6
D 5
D 4
H T 8 2 V 2 4 ( C D S M o d e )
0 . 1 m F
1 . 0 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
1 0 m F
V D D
5 V / 3 V
R e d I n p u t
0 . 1 m F
5 V
C l o c k
I n p u t s
D a t a
O u t p u t s
S e r i a l
I n p u t s
0 . 1 m F
0 . 1 m F
0 . 1 m F
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
A V D D
A V S S
V I N R
O F F S E T
V I N G
C M L
V I N B
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A
C D S C L K 1 / V S M P
C D S C L K 2
A D C C L K
O E
D V D D
D V S S
D 7 ( M S B )
D 6
D 5
D 4
D 3
D 2
D 1
D 0 ( L S B )
H T 8 2 V 2 4 ( S H A M o d e )
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
1 0 m F
V D D
5 V / 3 V
R e d I n p u t
5 V
C l o c k
I n p u t s
D a t a
O u t p u t s
S e r i a l
I n p u t s
G r e e n I n p u t
B l u e I n p u t
D C L e v e l
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
V I N R
O F F S E T
C M L
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A
A V S S
A V D D
V S M P
A D C C L K
D V D D
D V S S
D 7
D 6
D 5
D 4
H T 8 2 V 2 4 ( S H A M o d e )
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
0 . 1 m F
1 0 m F
V D D
5 V / 3 V
R e d I n p u t
5 V
C l o c k
I n p u t s
D a t a
O u t p u t s
S e r i a l
I n p u t s
0 . 1 m F
D C L e v e l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com