Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V24 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V24
Description  16-Bit, 15MSPS, 3-Channel CCD/CIS Analog Signal Processor
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V24 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V24 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 8Page - Holtek Semiconductor Inc HT82V24 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
CDSCLK1/VSMP
DI
CDS reference clock pulse input
ADI mode: CDSCLK1
WM mode: VSMP
CDSCLK2
DI
CDS data clock pulse input
ADCCLK
DI
A/D sample clock input for 3-channels mode
OE
DI
Output enable, active low
DVDD
P
Digital power
DVSS
P
Digital ground
D7~D0
DO
Digital data output
SDATA
DI/DO Serial data input/output
SCLK
DI
Clock input for serial interface
SLOAD
DI
Serial interface load pulse
AVSS
P
Analog ground
AVDD
P
Analog supply
REFB
AO
Reference decoupling
REFT
AO
Reference decoupling
VINB
AI
Analog input, blue
CML
AO
Internal reference output
VING
AI
Analog input, green
OFFSET
AO
Clamp bias level decoupling
VINR
AI
Analog input, red
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT82V24
Rev. 1.00
2
September 7, 2005
2 8
2 7
2 6
2 5
2 4
2 3
2 2
2 1
2 0
1 9
1 8
1 7
1 6
1 5
1
2
3
4
5
6
7
8
9
1 0
1 1
1 2
1 3
1 4
A V D D
A V S S
V I N R
O F F S E T
V I N G
C M L
V I N B
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A
C D S C L K 1 / V S M P
C D S C L K 2
A D C C L K
O E
D V D D
D V S S
D 7 ( M S B )
D 6
D 5
D 4
D 3
D 2
D 1
D 0 ( L S B )
H T 8 2 V 2 4
2 8 S O P - A / S S O P - A
2 0
1 9
1 8
1 7
1 6
1 5
1 4
1 3
1 2
1 1
1
2
3
4
5
6
7
8
9
1 0
H T 8 2 V 2 4
2 0 S O P - A / S S O P - A
A V S S
A V D D
V S M P
A D C C L K
D V D D
D V S S
D 7
D 6
D 5
D 4
V I N R
O F F S E T
C M L
R E F T
R E F B
A V S S
A V D D
S L O A D
S C L K
S D A T A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com