Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04PL02FST50 Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # 04PL02FST50
Description  PL02 - Pressure Limiting Valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

04PL02FST50 Datasheet(HTML) 1 Page - Ashcroft, Inc.

  04PL02FST50 Datasheet HTML 1Page - Ashcroft, Inc. 04PL02FST50 Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PL02 - Pressure Limiting Valve
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. PL02_pressure_limiting_valve_ds_RevK_03-17-23
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
Protects instrument assembly from over pressure
and severe pressure spikes
Prevents damage, loss of accuracy and or rupture
of sensing elements
316Ti Stainless steel construction
TYPICAL USES
Oil & Gas Industry
• Upstream: Onshore/offshore production
• Midstream: Transport, storage and natural
gas compression
• Downstream: Refineries and petrochemical
industries
Chemical Industry
Power Plants
• Conventional power plants
• Flue gas desulfurization plants
Other Industries
• Waste incineration plants
• Seawater desalination plants
• Steel mills
• Cement plants
1 of 2
KEY BENEFITS
• Isolates instrument assembly from process
when set pressure is realized
• Automatically resets after 25% drop in pressure
from setpoint
• Available setpoints from 6 psi to 8,700 psi
• Built in pressure snubbing design
PL02
Pressure Limiting Valve
WETTED COMPONENTS
Parts
Material
Body & Valve Stem, Screw plug
316L Stainless steel
Needle Tip
316Ti Stainless steel
Piston seal
FKM (equivalent to FPM by ISO) up to
175 °F (80 °C), others on request
Gland nut
304 Stainless steel
SPECIFICATIONS
Process Connection:
¼ NPT Male, ½ NPT Male
Instrument Connection:
¼ NPT Female, ½ NPT Female
Construction:
316Ti Stainless steel
Maximum Pressure Rating:
14,500 psi
Maximum Temperature Rating
FKM (FPM by ISO):
175 °F (80 °C)
Minimum Temperature Rating
14 °F (-10 °C)


Similar Part No. - 04PL02FST50

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
04P-SJN JST-04P-SJN Datasheet
72Kb / 2P
SJN CONNECTOR 2.0mm pitch/Board-in Crimp style connectors
logo
VBsemi Electronics Co.,...
04P10P VBSEMI-04P10P Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
04P10PL VBSEMI-04P10PL Datasheet
1Mb / 9P
P-Channel 100 V (D-S) MOSFET
logo
List of Unclassifed Man...
04PAF-6S ETC2-04PAF-6S Datasheet
366Kb / 11P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
logo
JST Mfg. Co., Ltd.
04PAF-6S JST-04PAF-6S Datasheet
340Kb / 12P
2.0mm pitch/Wire-to-board (Crimp style/IDC) / Wire-to-wire (Crimp style/IDC)
More results

Similar Description - 04PL02FST50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CL101 ETC1-CL101 Datasheet
270Kb / 1P
Control valve Pressure reducing valve
logo
Festo Corporation.
VD-3-PK-3 FESTO-VD-3-PK-3 Datasheet
88Kb / 1P
Pressure sequence valve
VEAA-L-3-D11-Q4-A4-1R1 FESTO-VEAA-L-3-D11-Q4-A4-1R1 Datasheet
89Kb / 2P
Proportional pressure control valve
VEAB-B-26-D15-F-A4-1R1 FESTO-VEAB-B-26-D15-F-A4-1R1 Datasheet
87Kb / 2P
Proportional pressure control valve
VEAB-L-26-D9-Q4-V1-1R1 FESTO-VEAB-L-26-D9-Q4-V1-1R1 Datasheet
91Kb / 2P
Proportional pressure control valve
VEAB-L-26-D14-Q4-V1-1R1 FESTO-VEAB-L-26-D14-Q4-V1-1R1 Datasheet
90Kb / 2P
Proportional pressure control valve
VEAB-L-26-D15-Q4-V1-1R1 FESTO-VEAB-L-26-D15-Q4-V1-1R1 Datasheet
91Kb / 2P
Proportional pressure control valve
539639 FESTO-539639 Datasheet
88Kb / 2P
Proportional pressure control valve
1/21/22
557772 FESTO-557772 Datasheet
88Kb / 2P
Proportional pressure control valve
1/21/22
557773 FESTO-557773 Datasheet
87Kb / 2P
Proportional pressure control valve
1/21/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com