Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04PL02FST50 Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # 04PL02FST50
Description  PL02 - Pressure Limiting Valve
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

04PL02FST50 Datasheet(HTML) 2 Page - Ashcroft, Inc.

  04PL02FST50 Datasheet HTML 1Page - Ashcroft, Inc. 04PL02FST50 Datasheet HTML 2Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PL02 - Pressure Limiting Valve
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft® and Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. PL02_pressure_limiting_valve_ds_RevK_03-17-23
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
04
PL02
A
ST
50
0010#
–XC3
Process Connection
04 - 1/2 NPT Male
04
02 - 1/4 NPT Male
Series Code
PL02 - Valve
PL02
Style (setpoint)
psi
bar/kg/cm2
A - Style A
6-36
0.4-2.5
A
B - Style B
30-85
2-6
C - Style C
75-360
5-25
D - Style D
300-850
20-60
E - Style E
750-3,600
50-250
F - Style F
3,500-5,800
240-400
G - Style G (available in 1/4˝ only)
5,800-8,700
400-600
Material
ST - 316Ti Stainless steel
ST
Instrument Connection
50 - 1/2 NPT Female
50
25 - 1/4 NPT Female
Factory Set Range (4-digit) *other ranges available on request
0000 - No set range specified (will be set mid-range for style selected)
0010# - 10 psi*
0010#
0002BR - 2 bar
Options (If choosing option(s) must include an “X”) (Options below not available when no set range is specified)
–X _ _
HY - Hydrostatic testing
NH - Stainless steel tags
C3 - Material traceability report
C3
E9 – Assembly: Instrument, pressure limiting valve, siphon(1)(2)
F7 – Assembly: Instrument, pressure limiting valve, diaphragm seal or isolation ring(1)
F9 – Assembly: Instrument, capillary, pressure limiting valve, snubber, diaphragm seal or isolation ring(1)
K2 – Assembly: Instrument, capillary, pressure limiting valve, diaphragm seal or isolation ring(1)
L2 – Assembly: Instrument, pressure limiting valve, diaphragm seal or isolation ring(1)
5G – Assembly: Instrument, pressure limiting valve(1)
JG - Internal EPDM Seal
JQ - Internal FFPM Seal
6B - Cleaned for oxygen service
(1) – Assemblies are configured in order as listed. Consult factory for details on configuration and for other assembly options.
All components in assembly must be purchased as separate items.
(2) – Coil and pig tail siphons will only be hand tightened onto the assembly for filling purposes.
2 of 2
L
[1.04]
26.5
[2.46]
62.5
½ -¼ NPT Male
[1.06]
ACROSS FLATS 27
½ -¼ NPT Male
DIMENSIONS in [ ] are decimal inches
For reference only, consult
Ashcroft for specific
dimensional drawings



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com