Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614DB Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC614DB
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614DB Datasheet(HTML) 4 Page - Semtech Corporation

  SC614DB Datasheet HTML 1Page - Semtech Corporation SC614DB Datasheet HTML 2Page - Semtech Corporation SC614DB Datasheet HTML 3Page - Semtech Corporation SC614DB Datasheet HTML 4Page - Semtech Corporation SC614DB Datasheet HTML 5Page - Semtech Corporation SC614DB Datasheet HTML 6Page - Semtech Corporation SC614DB Datasheet HTML 7Page - Semtech Corporation SC614DB Datasheet HTML 8Page - Semtech Corporation SC614DB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
4
Electrical Characteristics (Cont.)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
I2
s
n
o
i
t
a
c
i
f
i
c
e
p
S
s
u
B
e
c
a
f
r
e
t
n
I
C
e
g
a
tl
o
V
t
u
p
n
I
l
a
ti
g
i
DV
L
I
-
B
L
C
S
d
n
a
A
D
S4
.
0V
V
H
I
-
B
L
C
S
d
n
a
A
D
S6
.
1
e
g
d
e
l
w
o
n
k
c
A
A
D
S
e
g
a
tl
o
V
t
u
p
t
u
O
V
L
O
V
N
I
I
,
V
3
=
)
A
D
S
(
N
I
-
B
A
m
3
=4
.
0V
t
n
e
r
r
u
C
t
u
p
n
I
l
a
ti
g
i
DI
N
I
-
B
2
.
0
-2
.
0A
μ
e
c
n
a
ti
c
a
p
a
C
n
i
P
O
/IC
N
I
0
1F
p
I2
s
n
o
i
t
a
c
i
f
i
c
e
p
S
g
n
i
m
i
T
C
y
c
n
e
u
q
e
r
F
k
c
o
l
Cf
L
C
S
0
0
40
4
4z
H
k
d
o
ir
e
P
w
o
L
L
C
S
)
2
(
t
W
O
L
3
.
1s
μ
d
o
ir
e
P
h
g
i
H
L
C
S
)
2
(
t
H
G
I
H
6
.
0s
μ
e
m
i
T
d
l
o
H
a
t
a
D
)
2
(
t
T
A
D
;
D
H
0s
μ
e
m
i
T
p
u
t
e
S
a
t
a
D
)
2
(
t
T
A
D
;
U
S
0
0
1s
n
e
m
i
T
p
u
-
t
r
a
t
S
e
c
a
f
r
e
t
n
I
)
2
(
t
N
E
h
g
i
h
d
e
ll
u
p
s
i
N
E
r
e
tf
a
e
m
it
p
u
-
t
r
a
t
s
s
u
B0
5
3s
μ
d
e
t
a
e
p
e
R
r
o
f
e
m
i
T
p
u
t
e
S
n
o
it
i
d
n
o
C
t
r
a
t
S
)
2
(
t
A
T
S
;
U
S
6
.
0s
μ
d
e
t
a
e
p
e
R
r
o
f
e
m
i
T
d
l
o
H
n
o
it
i
d
n
o
C
t
r
a
t
S
)
2
(
t
A
T
S
;
D
H
6
.
0s
μ
p
o
t
S
r
o
f
e
m
i
T
p
u
t
e
S
n
o
it
i
d
n
o
C
)
2
(
t
O
T
S
;
U
S
6
.
0s
μ
n
e
e
w
t
e
B
e
m
i
T
e
e
r
F
s
u
B
T
R
A
T
S
d
n
a
P
O
T
S
)
2
(
t
F
U
B
3
.
1s
μ
n
o
i
t
c
e
t
o
r
P
t
l
u
a
F
ti
u
c
r
i
C
t
r
o
h
S
t
u
p
t
u
O
ti
m
i
L
t
n
e
r
r
u
C
I
)
C
S
(
T
U
O
V
T
U
O
D
N
G
=0
0
3A
m
e
r
u
t
a
r
e
p
m
e
T
r
e
v
O
)
4
(
T
P
T
O
)
C
°
0
1
=
s
i
s
e
r
e
t
s
y
h
(
d
l
o
h
s
e
r
h
t
g
n
i
s
i
R0
6
1C
°
e
g
a
tl
o
V
r
e
v
O
t
u
p
t
u
OV
P
V
O
7
.
5V
Notes:
(1) LED matching applies to current sinks set to the same current only. Matching is calculated as follows:
(
)
()
%
100
I
I
I
I
I
MIN
MAX
MIN
MAX
LED
LED
•
+
−
±
=
−
(2) Guaranteed by design.
(3) The total quiescent current in Sleep Mode will increase when serial bus activity occurs, and with the clock frequency of that bus activity.
(4) When the junction temperature exceeds the Over Temperature (OT) threshold, the device will enter Sleep Mode with the contents of all registers retained.
The device will exit Sleep Mode and re-commence normal operation as soon as the junction temperature drops by more than the OT hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com