Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC614DB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC614DB
Description  Low Noise Backlight and Flash Driver With Serial Interface
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC614DB Datasheet(HTML) 2 Page - Semtech Corporation

  SC614DB Datasheet HTML 1Page - Semtech Corporation SC614DB Datasheet HTML 2Page - Semtech Corporation SC614DB Datasheet HTML 3Page - Semtech Corporation SC614DB Datasheet HTML 4Page - Semtech Corporation SC614DB Datasheet HTML 5Page - Semtech Corporation SC614DB Datasheet HTML 6Page - Semtech Corporation SC614DB Datasheet HTML 7Page - Semtech Corporation SC614DB Datasheet HTML 8Page - Semtech Corporation SC614DB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
© 2006 Semtech Corp.
POWER MANAGEMENT
SC614
United States Patent No. 6,504,422
www.semtech.com
2
Absolute Maximum Ratings
Electrical Characteristics
Unless specified, T
A = 25°C for Typ, -40°C to 85°C for Min and Max, VIN = 3.2V to 4.2V, CIN = 2.2μF, COUT = CPUMP = 1μF (ESR = 0.03Ω).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sm
u
m
i
x
a
Ms
t
i
n
U
e
g
a
tl
o
V
y
l
p
p
u
SV
N
I
5
.
6
o
t
3
.
0
-V
e
g
a
tl
o
V
t
u
p
t
u
OV
T
U
O
5
.
6
o
t
3
.
0
-V
+
2
C
,
+
1
C
-
e
g
a
tl
o
V
n
i
P
V
o
t
3
.
0
-
T
U
O
3
.
0
+V
s
n
i
p
r
e
h
t
o
ll
A
-
e
g
a
tl
o
V
n
i
P
V
o
t
3
.
0
-
N
I
3
.
0
+V
V
T
U
O
n
o
it
a
r
u
D
ti
u
c
r
i
C
t
r
o
h
St
C
S
e
ti
n
if
e
d
n
Is
t
n
e
i
b
m
A
o
t
n
o
it
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
)
1
(
θ
A
J
0
4° W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
t
n
e
i
b
m
A
g
n
it
a
r
e
p
OT
A
5
8
+
o
t
0
4
-°C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
JT
J
0
5
1
+
o
t
0
4
-°C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
0
5
1
+
o
t
5
6
-°C
s
0
3
o
t
s
0
1
)
g
n
ir
e
d
l
o
S
(
w
o
lf
e
R
R
IT
D
A
E
L
0
6
2°C
)l
e
d
o
M
y
d
o
B
n
a
m
u
H
(
g
n
it
a
R
D
S
E
)
2
(
V
D
S
E
2V
k
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
s
n
o
i
t
a
c
i
f
i
c
e
p
S
l
a
c
i
r
t
c
e
l
E
p
m
u
P
e
g
r
a
h
C
e
g
a
tl
o
V
y
l
p
p
u
S
t
u
p
n
IV
N
I
0
.
35
.
5V
l
a
t
o
T
m
u
m
i
x
a
M
t
n
e
r
r
u
C
t
u
p
t
u
O
I
)
X
A
M
(
T
U
O
V
N
I
,
s
t
n
e
r
r
u
c
D
E
L
e
v
it
c
a
ll
a
f
o
m
u
s
,
V
4
.
3
>
V
)
X
A
M
(
T
U
O
.
x
a
m
s
m
0
0
5
,
V
2
.
4
=
4
3
4A
m
t
n
e
r
r
u
C
D
E
L
l
a
u
d
i
v
i
d
n
I
t
h
g
il
k
c
a
B
n
i
a
M
,
g
n
it
t
e
S
I
x
M
s
g
n
it
t
e
S
l
a
n
i
m
o
N4
.
02
3A
m
t
n
e
r
r
u
C
D
E
L
l
a
u
d
i
v
i
d
n
I
h
s
a
l
F
/
b
u
S
,
g
n
it
t
e
S
I
y
L
F
/
x
S
s
g
n
it
t
e
S
l
a
n
i
m
o
N4
.
02
0
1A
m
D
E
L
l
a
u
d
i
v
i
d
n
I
y
c
a
r
u
c
c
A
t
n
e
r
r
u
C
I
C
C
A
_
D
E
L
V
N
I
I
,
V
7
.
3
=
T
E
S
A
m
4
.
0
=0
3
±A
μ
V
N
I
I
,
V
7
.
3
=
T
E
S
A
m
0
2
=0
.
8
-5
.
1
±0
.
8
+%
V
,
y
l
n
o
s
n
i
p
h
s
a
l
F
N
I
I
,
V
7
.
3
=
T
E
S
A
m
2
0
1
=2
±%
g
n
i
h
c
t
a
M
D
E
L
)
1
(
I
D
E
L
-
D
E
L
V
N
I
I
,
V
7
.
3
=
T
E
S
A
m
4
.
0
=0
2
±A
μ
V
N
I
I
,
V
7
.
3
=
T
E
S
A
m
0
2
=5
.
3
-5
.
0
±5
.
3
+%
V
,
y
l
n
o
s
n
i
p
h
s
a
l
F
N
I
I
,
V
7
.
3
=
T
E
S
A
m
2
0
1
=1
±
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time may
affect device reliability.
Notes:
(1) Calculated from package in still air, mounted to a 3” x 4.5”, 4-layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com