Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC473 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC473 Datasheet HTML 9Page - Semtech Corporation SC473 Datasheet HTML 10Page - Semtech Corporation SC473 Datasheet HTML 11Page - Semtech Corporation SC473 Datasheet HTML 12Page - Semtech Corporation SC473 Datasheet HTML 13Page - Semtech Corporation SC473 Datasheet HTML 14Page - Semtech Corporation SC473 Datasheet HTML 15Page - Semtech Corporation SC473 Datasheet HTML 16Page - Semtech Corporation SC473 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Component
Manufacturer
Series or Part Number
High Side MOSFET, HSFET
International Rectifier
Fairchild Semiconductor
Siliconix
Infenion Technologies
IRF7821, IRF6602,
SSC3002S,
Si4860DY,Si4410BDY
Low Side MOSFET, LSFET
International Rectifier
Fairchild Semiconductor
Siliconix
Infenion Technologies
Depends on Application
Boost Capacitor, Cbst
Various
X5R or better
Boost Diode, Dbst
Various
Schottky, 200mA or greater
Output Inductor, L
Vishay / Panasonic
0.2 μH - 0.5μH
Decoupling Capacitors
Various
X5R or better
Current Sense Resistor
IRC, Panasonic
ERJ-M1WTJ
Output Bulk Capacitors
Panasonic / NEC-TOKIN SPCAP
330μF, max ESR 6mΩ
Applications Information (Cont.)
Company
Contact
International Rectifier
Web: http://www.irf.com/product-info/
Phone: (310) 726-8000
Panasonic
Web: http://www.panasonic.com/pic/ecg/
Phone: (201) 348-7522
IRC
Web: http://www.irctt.com
Phone: (888) 472-4376
NEC/TOKIN
Web: http://www.nec-tokinamerica.com/
Phone: (510) 324-4110
Sanyo
Web: http://www.sanyovideo.com/
Phone: (619) 661-6835
TDK
Web: http://www.component.tdk.com/components/components.html
Phone: (847) 390-4373
Vishay/Dale
Web: http://www.vishay.com/brands/dale
Phone: (402) 564-3131
Vishay/Siliconix
Web: http://www.vishay.com/brands/siliconix
Phone: (800) 554-5565



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com