Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC473 Datasheet(PDF) 14 Page - Semtech Corporation

Part # SC473
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC473 Datasheet(HTML) 14 Page - Semtech Corporation

Back Button SC473 Datasheet HTML 10Page - Semtech Corporation SC473 Datasheet HTML 11Page - Semtech Corporation SC473 Datasheet HTML 12Page - Semtech Corporation SC473 Datasheet HTML 13Page - Semtech Corporation SC473 Datasheet HTML 14Page - Semtech Corporation SC473 Datasheet HTML 15Page - Semtech Corporation SC473 Datasheet HTML 16Page - Semtech Corporation SC473 Datasheet HTML 17Page - Semtech Corporation SC473 Datasheet HTML 18Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
© 2006 Semtech Corp.
www.semtech.com
SC473
POWER MANAGEMENT
Table 1.
VID vs. V
OUT Voltage
Applications Information (Cont.)
EN
VID4
VID3
VID2
VID1
VID0
V
OUT
1
10000
1.1500V
1
10001
1.1250V
1
10010
1.1000V
1
10011
1.0750V
1
10100
1.0500V
1
10101
1.0250V
1
10110
1.0000V
1
10111
0.9750V
1
11000
0.9500V
1
11001
0.9250V
1
11010
0.9000V
1
11011
0.8750V
1
11100
0.8500V
1
11101
0.8250V
1
11110
0.8000V
1
11111
0.7750V
1
00000
0.7500V
1
00001
0.7250V
1
00010
0.7000V
1
00011
0.6750V
1
00100
0.6500V
1
00101
0.6250V
1
00110
0.6000V
1
00111
0.5750V
1
01000
0.5500V
1
01001
0.5250V
1
01010
0.5000V
1
01011
0.4750V
1
01100
0.4550V
1
01101
0.4250V
1
01110
0.4000V
1
01111
0.3750V
0
XXXXX
0.0000V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com