Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC250EVB
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC250EVB Datasheet HTML 9Page - Semtech Corporation SC250EVB Datasheet HTML 10Page - Semtech Corporation SC250EVB Datasheet HTML 11Page - Semtech Corporation SC250EVB Datasheet HTML 12Page - Semtech Corporation SC250EVB Datasheet HTML 13Page - Semtech Corporation SC250EVB Datasheet HTML 14Page - Semtech Corporation SC250EVB Datasheet HTML 15Page - Semtech Corporation SC250EVB Datasheet HTML 16Page - Semtech Corporation SC250EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Typical Characteristics (Cont.)
1.46
1.48
1.5
1.52
1.54
1.56
-60
-40
-20
0
20
40
60
80
100
TA (°C)
IOUT=10mA
IOUT=600mA
IOUT=300mA
IOUT=100mA
V
OUT vs. Temperature (VOUT = 1.5V)
3.16
3.18
3.2
3.22
3.24
3.26
-60
-40
-20
0
20
40
60
80
100
TA (°C)
IOUT=10mA
IOUT=600mA
IOUT=300mA
IOUT=100mA
V
OUT vs. Temperature (VOUT = 3.2V)
2.6
2.65
2.7
2.75
2.8
2.85
2.9
2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
VIN (V)
V
REF vs. VIN
2.835
2.84
2.845
2.85
2.855
2.86
2.865
0
0.005
0.01
0.015
0.02
0.025
IREF (A)
V
REF vs. IREF
0
0.5
1
1.5
2
2.5
3
1
1.1
1.2
1.3
1.4
1.5
1.6
IOUT (A)
VIN=5.0V
VIN=4.5V
VIN=3.5V
VIN=4.0V
Maximum Output Current, V
OUT = 2.5V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
1
1.1
1.2
1.3
1.4
1.5
1.6
IOUT (A)
VIN=5.0V
VIN=4.5V
VIN=3.5V
VIN=4.0V
Maximum Output Current, V
OUT = 1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com