Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC250EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC250EVB
Description  Step-Down DC-DC Converter with Bias LDO for RF Power Amplifi ers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC250EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC250EVB Datasheet HTML 1Page - Semtech Corporation SC250EVB Datasheet HTML 2Page - Semtech Corporation SC250EVB Datasheet HTML 3Page - Semtech Corporation SC250EVB Datasheet HTML 4Page - Semtech Corporation SC250EVB Datasheet HTML 5Page - Semtech Corporation SC250EVB Datasheet HTML 6Page - Semtech Corporation SC250EVB Datasheet HTML 7Page - Semtech Corporation SC250EVB Datasheet HTML 8Page - Semtech Corporation SC250EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
© 2006 Semtech Corp.
www.semtech.com
SC250
PRELIMINARY
POWER MANAGEMENT
Electrical Characteristics
Unless otherwise noted: V
IN = VEN =3.6V, TA = -40 to 85°C. Typical values are at TA = +25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
2.7
5.0
V
V
OUT Accuracy
V
OUT
V
IN = 4V, VDAC = 0.1V, IOUT = 0.3A
0.25
0.3
0.35
V
V
IN = 4V, VDAC = 1.1V, IOUT = 0.3A
3.23
3.3
3.37
V
V
OUT Line Regulation
V
OUT LINE
V
IN = 2.7V to 5.0V, VDAC = 0.7V
0.4
%/V
V
OUT Load Regulation
V
OUT LOAD
I
OUT = 0A to 600 mA, VDAC = 0.7V
-0.7
%
V
REF Accuracy
V
REF
I
REF = 10 mA
2.8
2.85
2.9
V
V
REF Line Regulation
V
REF LINE
I
REF = 1 mA, IOUT = 0A
0.3
%/V
V
REF Load Regulation
V
REF LOAD
I
REF = 0.1 to 20 mA
-0.5
%
V
REF Load Current
I
REF
20
mA
Peak Inductor Current
I
LX PK
0.8
1.5
A
Bypass FET Current Limit
I
PASS
1
2.5
A
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
Parameter
Symbol
Maximum
Units
Input Supply Voltage
V
IN
-0.3 to 7
V
EN and VDAC Inputs
V
EN, VDAC
-0.3 to 7
V
LX Pin Voltage (Power switch OFF)
V
LX
-1 to V
IN + 1, 7V MAX
V
VOUT Voltage
V
OUT
-0.3 to 7
V
VOUT Short Circuit to GND duration
t
SC
Continuous
s
Thermal Impedance Junction to Ambient (1)
θ
JA
110
°C/W
Operating Ambient Temperature Range
T
A
-40 to +85
°C
Junction Temperature
T
JC
+150
°C
Storage Temperature
T
S
-60 to +160
°C
Peak IR Reflow Temperature
T
P
260
°C
ESD Protection Level (2)
V
ESD
2kV
Absolute Maximum Ratings
Note:
1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
2) Tested according to JEDEC standard JESD22-A114-B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com