Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC339 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SC339
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SC339 Datasheet HTML 7Page - Semtech Corporation SC339 Datasheet HTML 8Page - Semtech Corporation SC339 Datasheet HTML 9Page - Semtech Corporation SC339 Datasheet HTML 10Page - Semtech Corporation SC339 Datasheet HTML 11Page - Semtech Corporation SC339 Datasheet HTML 12Page - Semtech Corporation SC339 Datasheet HTML 13Page - Semtech Corporation SC339 Datasheet HTML 14Page - Semtech Corporation SC339 Datasheet HTML 15Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
© 2006 Semtech Corp.
www.semtech.com
SC339
PRELIMINARY
POWER MANAGEMENT
Performance Characteristics
Supply Current vs. Supply Voltage
VCC = 4.5V to 5.5V, IOUT = 2.5A, VIN = 1.5V, VEN = 5V
125.0E-6
130.0E-6
135.0E-6
140.0E-6
145.0E-6
150.0E-6
155.0E-6
160.0E-6
4.500
4.600
4.700
4.800
4.900
5.000
5.100
5.200
5.300
5.400
5.500
VCC (V)
Supply Current
Figure 1: Supply Current v/s Supply Voltage
Adjust Voltage vs. Output Current
IOUT = 0A to 3A, VIN = 1.5V, VCC = 5.0V, VEN = 5V
0.4940
0.4960
0.4980
0.5000
0.5020
0.5040
0.5060
0.000
0.500
1.000
1.500
2.000
2.500
3.000
IOUT (A)
Adjust Voltage
+1%
-1%
Figure 2: Adjust Voltage v/s Output Current (1% accurate)
Figure 3: Soft Start waveform shows the PWRGD delay
Figure 4: Input UVLO Test (Rising)
Figure 5: Input UVLO Test (Falling)
Figure 6: Enable threshold detect (Rising)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com