Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC339 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC339
Description  Ultra Low Output Voltage Linear FET Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC339 Datasheet(HTML) 3 Page - Semtech Corporation

  SC339 Datasheet HTML 1Page - Semtech Corporation SC339 Datasheet HTML 2Page - Semtech Corporation SC339 Datasheet HTML 3Page - Semtech Corporation SC339 Datasheet HTML 4Page - Semtech Corporation SC339 Datasheet HTML 5Page - Semtech Corporation SC339 Datasheet HTML 6Page - Semtech Corporation SC339 Datasheet HTML 7Page - Semtech Corporation SC339 Datasheet HTML 8Page - Semtech Corporation SC339 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
© 2006 Semtech Corp.
www.semtech.com
SC339
POWER MANAGEMENT
Parameter
Symbol
Conditions
Min
Typ
Max
Units
ADJ
Adjust Input Bias Current
I
ADJ
V
ADJ = 0.5V
-100
0
+100
nA
Reference Voltage
V
ADJ
0°C ≤ T
A ≤ +85°C
-1%
0.500
1%
V
DRV
Output Current
I
DRV
Sourcing
5
20
mA
Sinking
5
20
mA
Output Voltage
V
DRV
Full On, I
DRV = 0mA, VIN = 5V
4.70
4.85
V
Output Under-Voltage Protection
Trip Threshold(2)
V
TH(UV)
Measured at ADJ pin
40
50
60
%V
ADJ
PGD
Power Good Threshold(3)
V
TH(PGD)
Measured at ADJ pin
-15
-12
-8
%V
ADJ
Output Logic Low Voltage
V
PGD
V
ADJ = 0.4V, IPGD = -1mA
0.4
V
Power Good
Leakage Current
I
PGD
V
ADJ = 0.5V, 0V ≤ VPGD ≤ VIN
-1
0
+1
μA
Soft-Start
Output Rise Time 10% VOUT
to 90% VOUT, VOUT = 1.05V
t
r
From EN rising to
99% of V
OUT
500
1000
2000
μs
Electrical Characteristics
Notes:
1) V
PWR = input voltage to pass device drain (or source depending upon orientation of FET).
2) If V
TH(UV) is exceeded for longer than 1ms (nom.) the protection circuitry will shut down the output.
3) During start-up only, V
TH(PGD) is -6% (typical), then switches to -12% (typical).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com