Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC198
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC198 Datasheet HTML 3Page - Semtech Corporation SC198 Datasheet HTML 4Page - Semtech Corporation SC198 Datasheet HTML 5Page - Semtech Corporation SC198 Datasheet HTML 6Page - Semtech Corporation SC198 Datasheet HTML 7Page - Semtech Corporation SC198 Datasheet HTML 8Page - Semtech Corporation SC198 Datasheet HTML 9Page - Semtech Corporation SC198 Datasheet HTML 10Page - Semtech Corporation SC198 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Applications Information
7
© 2006 Semtech Corp.
www.semtech.com
SC198
POWER MANAGEMENT
SC198 Detailed Description
The SC198 is a dual step-down, pulse-width modulated
DC-DC converter with programmable output voltage
and power-save mode. This device has a 1MHz internal
oscillator that can be used during forced PWM mode or
power-save mode (PSAVE).
Operation
During normal operation, the PMOS switch is activated
on each rising edge of the internal oscillator. Current
feedback for the switching regulator is through the PMOS
current path, and it is amplified and summed with
the internal slope compensation network. The voltage
feedback loop uses an internal feedback divider. The on-
time is determined by comparing the summed current
feedback and the output of the error amplifier. The period
is set by the onboard oscillator or by an external clock
attached to the SYNC/PWM pin. When synchronizing
to an external frequency, the SC198 operates in PWM
mode only. The device has an internal synchronous
NMOS rectifier and does not require a Schottky diode on
the LX pin. The device is designed to operate as a buck
converter in PWM mode with a fixed frequency of 1MHz.
At light loads the part can enter PSAVE mode to maximize
efficiency.
Output Filter
The SC198 converter also has internal loop compensa-
tion. The internal compensation is designed to work with
a certain output filter corner frequency defined by the
equation:
1
f
C = —————
2 √ L×C
———
When selecting output filter components, the LC product
should not vary over a wide range. Selection of smaller
inductor and capacitor values will move the corner fre-
quency, potentially impacting system stability. Due to
this issue the practical lower limit for the inductor value
is 4.7μH. The internal compensation is designed to oper-
ate with a single-pole output filter, L = 4.7μH and C
OUT =
10μF.
Programmable Output Voltage
The SC198 has three control pins per output to allow the
user to select a voltage level from eight predetermined
output voltage levels (see Table A, Output Voltage Options
below). The output voltage can be selected at any time,
including while the output is enabled and loaded.
Table A — Output Voltage Options
Programmable Output Voltage
CTLA2/B2
CTLA1/B1
CTLA0/B0
Nominal Output
Voltage (V)
000
1
0
0
1
1.2
0
1
0
1.375
0
1
1
1.4
1
0
0
1.5
1
0
1
1.575
1
1
0
1.8
1
1
1
1.875
Continuous Conduction and Oscillator Synchronization
The SC198 is designed to operate in a continuous
conduction mode, where it maintains a fixed frequency.
When the SYNC pin is tied high, the part runs under
control of the internal oscillator in PWM mode. The part
can be synchronized to an external clock by connecting a
clock signal to the SYNC pin. The part synchronizes to the
rising edge of the clock.
Power-Save Mode Operation
The SC198 has a power-save mode (PSAVE) which may be
selected by tying the SYNC pin to GND. Selecting PSAVE
mode enables automatic activation of PSAVE mode at
light loads, thus maximizing efficiency across the full
load range. The SC198 will automatically detect the load
current at which it should enter PSAVE mode. The SC198
is optimized to track maximum efficiency with respect to
V
IN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com