Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC198 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC198
Description  Dual DC-DC Buck Converter with High Current Capability
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC198 Datasheet(HTML) 2 Page - Semtech Corporation

  SC198 Datasheet HTML 1Page - Semtech Corporation SC198 Datasheet HTML 2Page - Semtech Corporation SC198 Datasheet HTML 3Page - Semtech Corporation SC198 Datasheet HTML 4Page - Semtech Corporation SC198 Datasheet HTML 5Page - Semtech Corporation SC198 Datasheet HTML 6Page - Semtech Corporation SC198 Datasheet HTML 7Page - Semtech Corporation SC198 Datasheet HTML 8Page - Semtech Corporation SC198 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters specified in the
Electrical Characteristics section is not recommended.
Unless otherwise noted: V
IN = 3.6V, SYNC = VIN, L = 4.7μH, C = 10μF, TA = -40°C to +85°C. Typical values are at TA = 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage Range
V
IN
2.7
5.5
V
VOUT Accuracy(1)
∆V
OUT
I
OUT = 10mA to 600mA
-3
3
%
Line Regulation
V
LINEREG
V
IN = 2.7 to 5.5V, VOUT = 1.8V, IOUT = 300mA
0.2
%/V
Load Regulation
V
LOADREG
I
OUT = 10mA to 600mA
0.0008
%/mA
Minimum Duty Cycle
DC
MIN
18
%
LXA, LXB Current Limit
I
LIM
0.9
A
Quiescent Current
I
Q
I
OUT = 0mA, SYNC = 0, ENA, ENB = VIN
50
μA
Shutdown Current
I
SD
ENA, ENB = 0, LXA, LXB = Open
0.1
1
μA
LXA and LXB
Leakage Current
I
LXA, ILXB
V
IN = 5.5V, LX = 0V, PMOS
0.1
1
μA
V
IN = 5.5V, LX = VIN, NMOS
-2
0.1
μA
P-Channel On Resistance
R
DSP
I
LXA, ILXB = 100mA
0.35
Ω
N-Channel On Resistance
R
DSN
I
LXA, ILXB = 100mA
0.25
Ω
Absolute Maximum Ratings
Electrical Characteristics
Parameter
Symbol
Maximum
Units
VIN
V
IN
-0.3 to 7
V
EN, SYNC Input
V
EN ,VSYNC
-0.3 to V
IN +0.3
V
LXA and LXB Voltages
V
LXA, VLXB
-1 to V
IN +1
V
VOUT
V
OUT
-0.3 to V
IN +0.3
V
CTLA0, CTLA1, CTLA2, CTLB0, CTLB1 & CTLB2 Voltages
-0.3 to V
IN +0.3
V
Output Short Circuit to GND
t
SC
Indefinite
s
LXA and LXB Currents
I
LXA and ILXB
1.2
A
Thermal Impedance (Junction to Ambient)(1)
θ
JA
40
ºC/W
Operating Ambient Temperature
T
A
-40 to +85
ºC
Maximum Junction Temperature
T
J
150
ºC
Storage Temperature
T
S
-65 to +150
ºC
Reflow Solder Temperature
T
PKG
260
°C
ESD Protection Level(2)
V
ESD
2kV
Note:
(1) Calculated from package in still air, mounted to 3” x 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad as per JESD51 standards.
(2) Tested according to JEDEC standard JESD22-A114-B.
2
© 2006 Semtech Corp.
www.semtech.com
SC198
POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com