Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL850CSV33 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TQL850CSV33
Description  50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL850CSV33 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TQL850CSV33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TQL850CSV33
Taiwan Semiconductor
3
Version: B2207
ELECTRICAL SPECIFICATIONS (V
IN
= 13.5V, TJ = -40 to 150°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
Line Regulation
VIN = 8 to 32V
IOUT = 5mA
ΔVOUT,li
-15
0
15
mV
Dropout Voltage (Vdr=VIN-VOUT)
IOUT = 250mA
Vdr
--
150
425
mV
Dropout Voltage (Vdr=VIN-VOUT)
IOUT = 100mA
Vdr
--
60
170
mV
Power Supply Ripple Rejection
f = 100Hz, V = 0.5Vpp
PSRR
--
59
--
dB
Thermal Shutdown Threshold
(Note 4)
Tth
151
--
200
°C
Thermal Shutdown Hysteresis
(Note 4)
Thy
--
30
--
°C
Current Consumption
Standby Current (IO=IIN)
VEN = 0V, TJ < 105°C
IO,st
--
1.3
5
μA
Standby Current (IO=IIN)
VEN = 0.4V, TJ < 125°C
IO,st
--
--
8
μA
Quiescent Current (IO=IIN-IOUT)
IOUT = 0.05mA, TJ = 25°C
IO
--
40
52
μA
Quiescent Current (IO=IIN-IOUT)
IOUT = 0.05mA, TJ < 125°C
IO
--
62
77
μA
Enable
High Level Input Voltage
VENH
2
--
--
V
Low Level Input Voltage
VOUT ≦ 0.1V
VENL
--
--
0.8
V
Threshold Hysteresis
VENHy
100
--
--
mV
EN Input Current
VEN = 3.3V
IEN
--
--
3.5
μA
EN Input Current
VEN ≦18V
IEN
--
--
22
μA
EN Pull-down Resistor
REN
0.95
1.5
2.6
MΩ
Reset
UVLO Reset Upper Threshold
VOUT increasing
VRTH
3.08
3.15
3.22
V
UVLO Reset Lower Threshold
VOUT decreasing
RTH=GND
VRTL
2.95
3.02
3.08
V
UVLO Reset Threshold
Hysteresis
RTH=GND
VRTHy
60
100
--
mV
UVLO Reset Headroom
(VOUT-VRTL)
RTH=GND
VRH
200
400
--
mV
UVLO Adjustment Threshold
VRTTH
1.15
1.2
1.25
V
UVLO Adjustment Range
VRTRG
2.5
--
2.9
V
Reset/Watchdog Output Low
Voltage
1V≦VOUT≦VRTL
RRO/WDO≧
5.1kΩ
VRO/WDOL
--
0.2
0.4
V
Internal Pull-up Resistor
Connected to OUT
RRO/WDO,int
13
20
36
k
Ω
External Pull-up Resistor to OUT
1V≦VOUT≦VRTL
VRO≦0.4V
RRO/WDO,ext
5.1
--
--
k
Ω
Reset Delay Time
tRD
6.8
8.5
10.2
ms
Reset Blanking Time (Note 4)
tRB
--
7
--
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com