Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL850CSV33 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TQL850CSV33
Description  50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL850CSV33 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TQL850CSV33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL850CSV33 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TQL850CSV33
Taiwan Semiconductor
1
Version: B2207
50V, 500mA, Low-IQ 4
0μA Low-Dropout Linear Regulator
with Enable, Reset, Watchdog Functions
DESCRIPTION
The TQL850CSV33 is a high-performance low dropout
linear regulator for 3,3V with input range of 3V to 50V
and low quiescent 40
μA. TQL850CSV33 provides 2%
output voltage accuracy and 500mA maximum driving
current and is suitable for automotive or other supply
systems.
TQL850CSV33
just
requires
one
small
ceramic capacitor of 1
μF to exhibit fast regulation and
good stability. And it shows very low dropout voltage
with typical 60mV in 100mA-load and 150mV in 250mA-
load. The start operating voltage is 3V which is suitable
to cranking condition of automotive system.
The device has an enable function to switch ON and
OFF
for
power
dissipation.
And
other
protection
functions such as thermal-shutdown and current-limit
are against immediate damage.
FEATURES
●
AEC-Q100 qualified with the following results:
-
Device temperature grade 1: -40°C to 125°C
-
Device HBM ESD classification level H2
-
Device CDM ESD classification level C3
●
3V to 50V Input Voltage Range
●
3.3V Fixed Output Voltage
●
Typical 60mV @100mA Low Dropout Voltage
●
500mA Output Current
●
Typical 40
μA Low Quiescent Current
●
Typical ±2% Output Voltage Accuracy
●
1
μF Ceramic Output Stable Capacitor
●
Output Current Limit
●
Over Temperature Protection
●
RoHS Compliant
●
Halogen-Free according to IEC 61249-2-21
APPLICATION
●
Automotive Power Supply Systems
●
General Power Supply applications
SOP-8EP
Pin Definition:
1.IN
5. RTH
2.EN
6. WDI
3.RO/WDO
7. NC
4.GND
8. OUT
Notes: MSL 3 (Moisture Sensitivity Level) per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TQL850CSV33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TQL850CSV50 TSC-TQL850CSV50 Datasheet
995Kb / 13P
50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
Version: A2206
More results

Similar Description - TQL850CSV33

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
Low-Dropout, 500mA Linear Regulator with Reset
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com