Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL850CSV50 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TQL850CSV50 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TQL850CSV50
Download  TQL850CSV50 Download
File Size   995.91 Kbytes
Page   13 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions

TQL850CSV50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TQL850CSV50 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TQL850CSV50
Download  TQL850CSV50 Click to download

File Size   995.91 Kbytes
Page   13 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions

TQL850CSV50 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd


TQL850CSV50 Product details

DESCRIPTION
The TQL850CSV50 is a high-performance low dropout
linear regulator for 5V with input range of 3V to 50V and
low quiescent 40μA. TQL850CSV50 provides 2% output
voltage accuracy and 500mA maximum driving current
and is suitable for automotive or other supply systems.
TQL850CSV50 just requires one small ceramic
capacitor of 1μF to exhibit fast regulation and good
stability. And it shows very low dropout voltage with
typical 60mV in 100mA-load and 150mV in 250mA-load.
The start operating voltage is 3V which is suitable to
cranking condition of automotive system.
The device has an enable function to switch ON and
OFF for power dissipation. And other protection
functions such as thermal-shutdown and current-limit
are against immediate damage.

APPLICATION
● Automotive Power Supply Systems
● General Power Supply applications

FEATURES
● AEC-Q100 qualified with the following results:
- Device temperature grade 1: -40°C to 125°C
- Device HBM ESD classification level H2
- Device CDM ESD classification level C3
● 3V to 50V Input Voltage Range
● 5V Fixed Output Voltage
● Typical 60mV @100mA Low Dropout Voltage
● 500mA Output Current
● Typical 40μA Low Quiescent Current
● Typical ±2% Output Voltage Accuracy
● 1μF Ceramic Output Stable Capacitor
● Output Current Limit
● Over Temperature Protection
● RoHS Compliant
● Halogen-Free according to IEC 61249-2-21




Similar Part No. - TQL850CSV50

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TQL850CSV33 TSC-TQL850CSV33 Datasheet
626Kb / 13P
50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
Version: B2207
More results


Similar Description - TQL850CSV50

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8140 CHERRY-CS8140 Datasheet
214Kb / 12P
5V, 500mA Linear Regulator with ENABLE, , and Watchdog RESET
Rev. 2/23/99
CS8151 CHERRY-CS8151 Datasheet
196Kb / 8P
5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESET, & WAKE UP
Rev. 5/4/99
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9612 GMT-G9612 Datasheet
539Kb / 8P
Low-Dropout, 500mA Linear Regulator with Reset
logo
ON Semiconductor
NCV8518A ONSEMI-NCV8518A Datasheet
139Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
March, 2008 - Rev. 1
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV8518B ONSEMI-NCV8518B Datasheet
172Kb / 13P
Low Dropout Linear Regulator with Watchdog, Wake Up, RESET, and ENABLE
June, 2010 ??Rev. 1
NCV8675DT50RKG ONSEMI-NCV8675DT50RKG Datasheet
201Kb / 16P
350 mA Very Low Iq Low Dropout Linear Regulator with Reset and Reset Delay
August, 2011 ??Rev. 7
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com