Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL850CSV50 Datasheet(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

Part # TQL850CSV50
Description  50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL850CSV50 Datasheet(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TQL850CSV50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TQL850CSV50
Taiwan Semiconductor
7
Version: A2206
APPLICATION INFORMATION (CONTINUE)
Enable
The EN pin is high voltage tolerant pin. High input enables the device ON and low is disable which can be
connected to microcontroller or digital control system. It can be connected to input power pin directly.
Thermal Shutdown (TSD)
Internal 160°C comparator will trigger temperature protection (TSD). TSD will shut down system, until internal
temperature back to 130°C.
Current Limit
The TQL850CSV50 features Current Limit function to protect device from damage by excessive power dissipation
such as OUT shorted to GND. It limits output current to maintain power dissipation in the safe region.
Typical Timing Diagram Reset
V
I
t
t
V
O UT
V
RT,high
V
RT ,low
V
RO/WDO
t
1 V
V
RO/WDO,low
1V
Thermal
Shutdown
Input
Voltage Dip
Under-
voltage
Spik at
Over-
output
load
V
RH
t<t
rr, b l an k
t
rd
t
r r, i nt
t
rd
t
r r, i nt
t
rd
t
r r, i nt
t
rd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com