Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL850CSV50 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TQL850CSV50
Description  50V, 500mA, Low-IQ 40μA Low-Dropout Linear Regulator with Enable, Reset, Watchdog Functions
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL850CSV50 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TQL850CSV50 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL850CSV50 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TQL850CSV50
Taiwan Semiconductor
4
Version: A2206
ELECTRICAL SPECIFICATIONS (V
IN
= 13.5V, TJ = -40 to 150°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Reset
Internal Reset Reaction Time
Note 4
tRR
--
10
33
μs
Watchdog
Watchdog Ignore Time
tWDI,i
12.8
16
19.2
ms
Watchdog Trigger Time
tWDI,tr
38.4
48
57.6
ms
Watchdog Low Time
tWDOL
6.4
8
9.6
ms
WDI High Signal Valid
VWDIH
2.0
--
--
V
WDI Low Signal Valid
VWDIL
--
--
0.8
V
WDI High Pulse Length (Note 4)
VWDI≧VWDIH
tWDI,ph
1
--
--
μs
WDI Low Pulse Length (Note 4)
VWDI≦VWDIL
tWDI,pl
1
--
--
μs
WDI Signal Slew Rate (Note 4)
VWDIL≦VWDI≦VWDIH
dVWDI/dt
1
--
--
V/μs
WDI Input Current
VWDI = 3.3V
IWDI
--
--
3.5
μA
WDI Pull Down Resistor
RWDI
0.9
1.5
2.6
MΩ
WDI Disable Threshold
VIN > 5.95V
VWD,dis
1.15
--
1.4
V
Minimum Filter Time By WDI
Note 4
tFWDI,min
100
--
--
μs
Maximum Filter Time By WDI
Note 4
tFWDI,max
--
--
500
μs
Note:
1.
Stresses listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handing precaution recommended.
3.
The device is not guaranteed to function outside its operating conditions.
4.
Guaranteed by design.
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TQL850CSV50 RLG
SOP-8EP
2,500pcs / 13
” Reel
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com