Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL851CSV33 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TQL851CSV33
Description  50V, 500mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL851CSV33 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TQL851CSV33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TQL851CSV33
Taiwan Semiconductor
3
Version: A2206
ELECTRICAL SPECIFICATIONS (V
IN
= 13.5V, TJ = -40 to 150°C unless otherwise noted)
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Supply Voltage
Line Regulation
VIN = 8 to 32V
IOUT = 5mA
ΔVOUT,li
-15
0
15
mV
Dropout Voltage (Vdr=VIN-VOUT)
IOUT = 250mA
Vdr
--
150
425
mV
Dropout Voltage (Vdr=VIN-VOUT)
IOUT = 100mA
Vdr
--
60
170
mV
Power Supply Ripple Rejection
f = 100Hz, V = 0.5Vpp
PSRR
--
59
--
dB
Thermal Shutdown Threshold
(Note 4)
Tth
151
--
200
°C
Thermal Shutdown Hysteresis
(Note 4)
Thy
--
30
--
°C
Current Consumption
Standby Current (IO=IIN)
VEN = 0V, TJ < 105°C
IO,st
--
1.3
5
μA
Standby Current (IO=IIN)
VEN = 0.4V, TJ < 125°C
IO,st
--
--
8
μA
Quiescent Current (IO=IIN-IOUT)
IOUT = 0.05mA, TJ = 25°C
IO
--
30
40
μA
Quiescent Current (IO=IIN-IOUT)
IOUT = 0.05mA, TJ < 125°C
IO
--
45
60
μA
Enable
High Level Input Voltage
VENH
2
--
--
V
Low Level Input Voltage
VOUT ≦ 0.1V
VENL
--
--
0.8
V
Threshold Hysteresis
VENHy
100
--
--
mV
EN Input Current
VEN = 3.3V
IEN
--
--
3.5
μA
EN Input Current
VEN ≦18V
IEN
--
--
22
μA
EN Pull-down Resistor
REN
0.95
1.5
2.6
MΩ
Note:
1.
Stresses
listed as the above “Absolute Maximum Ratings” may cause permanent damage to the device. These are for
stress ratings. Functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may
remain possibility to affect device reliability.
2.
Devices are ESD sensitive. Handing precaution recommended.
3.
The device is not guaranteed to function outside its operating conditions.
4.
Guaranteed by design.
ORDERING INFORMATION
ORDERING CODE
PACKAGE
PACKING
TQL851CSV33 RLG
SOP-8EP
2,500pcs / 13
” Reel
,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com