Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQL851CSV33 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TQL851CSV33
Description  50V, 500mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TQL851CSV33 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TQL851CSV33 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TQL851CSV33 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TQL851CSV33
Taiwan Semiconductor
1
Version: A2206
50V, 500mA, Low-IQ 3
0μA
Low-Dropout Linear Regulator with Enable
DESCRIPTION
The TQL851CSV33 is a high-performance low dropout
linear regulator for 3.3V with input range of 3V to 50V
and low quiescent 30
μA. TQL851CSV33 provides 2%
output voltage accuracy and 500mA maximum driving
current and is suitable for automotive or other supply
systems.
TQL851CSV33
just
requires
one
small
ceramic capacitor of 1
μF to exhibit fast regulation and
good stability. And it shows very low dropout voltage
with typical 60mV in 100mA-load and 150mV in 250mA-
load. The start operating voltage is 3V which is suitable
to cranking condition of automotive system.
The device has an enable function to switch ON and
OFF
for
power
dissipation.
And
other
protection
functions such as thermal-shutdown and current-limit
are against immediate damage.
FEATURES
●
AEC-Q100 qualified with the following results:
-
Device temperature grade 1: -40°C to 125°C
-
Device HBM ESD classification level H2
-
Device CDM ESD classification level C3
●
3V to 50V Input Voltage Range
●
3.3V Fixed Output Voltage
●
Typical 60mV @100mA Low Dropout Voltage
●
500mA Output Current
●
Typical 30
μA Low Quiescent Current
●
Typical ±2% Output Voltage Accuracy
●
1
μF Ceramic Output Stable Capacitor
●
Output Current Limit
●
Over Temperature Protection
●
RoHS Compliant
●
Halogen-Free according to IEC 61249-2-21
APPLICATION
●
Automotive Power Supply Systems
●
General Power Supply applications
SOP-8EP
Pin Definition:
1.IN
5. NC
2.EN
6. NC
3.NC
7. NC
4.GND
8. OUT
Notes: Moisture sensitivity level: level 3. Per J-STD-020
TYPICAL APPLICATION CIRCUIT


Similar Part No. - TQL851CSV33

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TQL851CSV50 TSC-TQL851CSV50 Datasheet
754Kb / 10P
50V, 500mA, Low-IQ 30μA Low-Dropout Linear Regulator with Enable
Version: A2206
More results

Similar Description - TQL851CSV33

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP8345 NSC-LP8345 Datasheet
283Kb / 13P
Low Dropout, Low IQ, 500mA CMOS Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
500mA Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
500mA Low-Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
500mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2 Datasheet
102Kb / 11P
Low IQ Low Dropout Linear Regulator
March, 2008 - Rev. 4
NCV4264-2C ONSEMI-NCV4264-2C Datasheet
75Kb / 10P
Low IQ Low Dropout Linear Regulator
April, 2014 ??Rev. 0
NCV4264-2C ONSEMI-NCV4264-2C_15 Datasheet
78Kb / 10P
Low IQ Low Dropout Linear Regulator
October, 2015 ??Rev. 1
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
500mA Low Dropout Linear Regulator
logo
ON Semiconductor
NCV4264-2 ONSEMI-NCV4264-2_17 Datasheet
91Kb / 11P
Low IQ Low Dropout Linear Regulator
July, 2017 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com