Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS151 Datasheet(PDF) 4 Page - SYC Electronica

Part # 74LS151
Description  8-Input Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS151 Datasheet(HTML) 4 Page - SYC Electronica

  74LS151 Datasheet HTML 1Page - SYC Electronica 74LS151 Datasheet HTML 2Page - SYC Electronica 74LS151 Datasheet HTML 3Page - SYC Electronica 74LS151 Datasheet HTML 4Page - SYC Electronica 74LS151 Datasheet HTML 5Page - SYC Electronica 74LS151 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SN74LS151
4
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
0.8
V
Guaranteed Input LOW Voltage for
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
2.7
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
or VIL per Truth Table
VO
Output LOW Voltage
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
V
V
or V
VOL
Output LOW Voltage
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
I
Input HIGH Current
20
µA
VCC = MAX, VIN = 2.7 V
IIH
Input HIGH Current
0.1
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
– 0.4
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
– 100
mA
VCC = MAX
ICC
Power Supply Current
10
mA
VCC = MAX
Note 1: Not more than one output should be shorted at a time, nor for more than 1 second.
AC CHARACTERISTICS (TA = 25°C)
Limits
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
tPLH
tPHL
Propagation Delay
Select to Output Z
27
18
43
30
ns
tPLH
tPHL
Propagation Delay
Select to Output Z
14
20
23
32
ns
tPLH
tPHL
Propagation Delay
Enable to Output Z
26
20
42
32
ns
VCC = 5.0 V
tPLH
tPHL
Propagation Delay
Enable to Output Z
15
18
24
30
ns
CC
CL = 15 pF
tPLH
tPHL
Propagation Delay
Data to Output Z
20
16
32
26
ns
tPLH
tPHL
Propagation Delay
Data to Output Z
13
12
21
20
ns
AC WAVEFORMS
Figure 1.
Figure 2.
VIN
VOUT
1.3 V
tPHL
1.3 V
tPLH
1.3 V
1.3 V
VIN
VOUT
1.3 V
tPHL
1.3 V
tPLH
1.3 V
1.3 V
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com