Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS151 Datasheet(PDF) 1 Page - SYC Electronica

Part # 74LS151
Description  8-Input Multiplexer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYC [SYC Electronica]
Direct Link  https://www.sycelectronica.com.ar/index.php
Logo SYC - SYC Electronica

74LS151 Datasheet(HTML) 1 Page - SYC Electronica

  74LS151 Datasheet HTML 1Page - SYC Electronica 74LS151 Datasheet HTML 2Page - SYC Electronica 74LS151 Datasheet HTML 3Page - SYC Electronica 74LS151 Datasheet HTML 4Page - SYC Electronica 74LS151 Datasheet HTML 5Page - SYC Electronica 74LS151 Datasheet HTML 6Page - SYC Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SN74LS151
8-Input Multiplexer
The TTL / MSI SN74LS151 is a high speed 8-input Digital
Multiplexer. It provides, in one package, the ability to select one bit of
data from up to eight sources. The LS151 can be used as a universal
function generator to generate any logic function of four variables.
Both assertion and negation outputs are provided.
• Schottky Process for High Speed
• Multifunction Capability
• On-Chip Select Logic Decoding
• Fully Buffered Complementary Outputs
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS151N
16 Pin DIP
2000 Units/Box
SN74LS151D
16 Pin
SOIC
D SUFFIX
CASE 751B
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
www.sycelectronica.com.ar
www.sycelectronica.com.ar


Similar Part No. - 74LS151

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS151 MOTOROLA-74LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
logo
ON Semiconductor
74LS151 ONSEMI-74LS151 Datasheet
111Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
Texas Instruments
74LS151 TI-74LS151 Datasheet
822Kb / 22P
DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
74LS151 FAIRCHILD-74LS151 Datasheet
70Kb / 7P
1-of-8 Line Data Selector/Multiplexer
logo
Hitachi Semiconductor
74LS151 HITACHI-74LS151 Datasheet
61Kb / 6P
1-of-8 Data Selectors/Multiplexers(with strobe)
More results

Similar Description - 74LS151

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS151 MOTOROLA-SN54LS151 Datasheet
174Kb / 5P
8-INPUT MULTIPLEXER
logo
National Semiconductor ...
54AC151 NSC-54AC151 Datasheet
156Kb / 10P
8-Input Multiplexer
54F151ADM NSC-54F151ADM Datasheet
158Kb / 8P
8-Input Multiplexer
logo
Texas Instruments
CD74AC151 TI-CD74AC151 Datasheet
35Kb / 7P
8-Input Multiplexer
logo
Fairchild Semiconductor
74AC151 FAIRCHILD-74AC151 Datasheet
97Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74AC11251 PHILIPS-74AC11251 Datasheet
176Kb / 7P
8-INPUT MULTIPLEXER
October 17 1990
logo
Fairchild Semiconductor
74F151A FAIRCHILD-74F151A Datasheet
81Kb / 7P
8-Input Multiplexer
logo
National Semiconductor ...
54AC151 NSC-54AC151_03 Datasheet
170Kb / 9P
8-Input Multiplexer
logo
NXP Semiconductors
74HC_HCT151 PHILIPS-74HC_HCT151_15 Datasheet
195Kb / 19P
8-input multiplexer
Rev. 5-26 January 2015
logo
Nexperia B.V. All right...
74HC151-Q100 NEXPERIA-74HC151-Q100 Datasheet
764Kb / 17P
8-input multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com