Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4624SETRT Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC4624SETRT
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624SETRT Datasheet(HTML) 5 Page - Semtech Corporation

  SC4624SETRT Datasheet HTML 1Page - Semtech Corporation SC4624SETRT Datasheet HTML 2Page - Semtech Corporation SC4624SETRT Datasheet HTML 3Page - Semtech Corporation SC4624SETRT Datasheet HTML 4Page - Semtech Corporation SC4624SETRT Datasheet HTML 5Page - Semtech Corporation SC4624SETRT Datasheet HTML 6Page - Semtech Corporation SC4624SETRT Datasheet HTML 7Page - Semtech Corporation SC4624SETRT Datasheet HTML 8Page - Semtech Corporation SC4624SETRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
 2007 Semtech Corp.
www.semtech.com
SC4624
POWER MANAGEMENT
Electrical Characteristics (Cont.)
Unless otherwise specified, V
IN= VCC=SYNC/EN=3.3V, ROSC=51.1KΩ, RISET=27.4KΩ, TA = -40°C to 85°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Error Amplifier (Cont.)
Output Voltage Low, COMP
FB = 0.6V, I
COMP = 1mA
0.1
0.25
V
Feedback Voltage
V
FB
0.4925
0.5
0.5075
V
Vcc = 2.3V to 5.5V
-2
+1
+2
%
Input Bias Current(1)
I
FB
FB=V
REF
60
nA
Power Switches
High-Side P-MOSFET
R
DSH(on)
V
IN=VCC=5V, ISOURCE = 1A, TA=TJ=25 °C
74
100
mΩ
Low Side N-MOSFET
R
DSL(on)
V
IN=VCC=5V, ISINK = 1A, TA=TJ=25 °C
47
85
mΩ
Power Good
PGood Voltage Low
V
PGL
I
PGOOD = 1mA
0.2
V
PGood Leakage Current
I
PGOOD
PGOOD = 5V
1
µ
A
PGood Delay Time(1)
T
D
Vout rising or Vout falling
1024
clks
PGood High Window
With respect to nominal output,
T
A=TJ=25 °C
+8
+10
+15
%
Note:
(1) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com