Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4624SETRT Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC4624SETRT
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624SETRT Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC4624SETRT Datasheet HTML 3Page - Semtech Corporation SC4624SETRT Datasheet HTML 4Page - Semtech Corporation SC4624SETRT Datasheet HTML 5Page - Semtech Corporation SC4624SETRT Datasheet HTML 6Page - Semtech Corporation SC4624SETRT Datasheet HTML 7Page - Semtech Corporation SC4624SETRT Datasheet HTML 8Page - Semtech Corporation SC4624SETRT Datasheet HTML 9Page - Semtech Corporation SC4624SETRT Datasheet HTML 10Page - Semtech Corporation SC4624SETRT Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
 2007 Semtech Corp.
www.semtech.com
SC4624
POWER MANAGEMENT
Operation
Typical Performance Characteristics (Cont.)
Typical Performance Characteristics (Cont.)
Figure 11. High-Side P-MOSFET
Figure 12. Low-Side N-MOSFET
Figure 7. Over Load Hiccup
Figure 9. Synchronization
Figure 10. Efficiency(V
IN)
V
OUT
SS
V
PHASE
Figure 8. Thermal Shutdown Protection@0A
V
OUT
SS
V
PHASE
Sync
Signal
V
PHASE
Output Current(A)
70
80
90
100
110
120
130
1
2
3
4
2.5VIN
3.3VIN
5VIN
I
OUT (A)
Internal PMOS R
DSON @ Room Temperature
Internal NMOS R
DSON @ Room Temperature
50
55
60
65
70
75
80
1
2
3
4
2.5VIN
3.3VIN
5VIN
I
OUT (A)
5.0V/DIV
3.0V/DIV
0.6V/DIV
2.0V/DIV
2.0V/DIV
0.6V/DIV
3V/DIV
5.0V/DIV
Test condition: 5Vin, 1Vout
SS
Vphase
Over current protection
Vout
100ms/DIV
Circuit condition: Application circuit#1, 5V
IN, 1VOUT
Test condition: 5Vin, 1Vout
SS
Vphase
Thermal protection
Vout
1s/DIV
Efficiency
5Vin
3.3Vin
2.5Vin
SYNC
SYNC
Vphase
1us/DIV
External clock singal=650kHz, duty=50%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com