Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC472B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC472B
Description  Single-Phase Single Chip Graphics Core Power Supply
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC472B Datasheet(HTML) 1 Page - Semtech Corporation

  SC472B Datasheet HTML 1Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.semtech.com

SC472B
Single-Phase Single Chip
Graphics Core Power Supply
Updated - Apr 0, 2007
POWER MANAGEMENT
Applications
Description
Features
The SC472B is a single-phase chip, high-performance
PWM controller designed to power advanced graphic cores.
On-chip support is provided for all of the Intel® integrated
requirements, including Active Voltage Positioning, Slew-
rate controlled VID transitions, and VID-Controlled Sleep
voltage settings.
The SC472B implements hysteretic control technology
which provides the fastest possible transient response
while avoiding the stability issues inherent to classical PWM
controllers. Eliminating the sense resistors reduces costs
and PCB area, plus increases system efficiency. Integrated
SmartDriver™ technology initially turns on the high-side
driver with ‘soft’ drive to reduce ringing, EMI, and capaci-
tive turn-on of the low side MOSFET, while also increasing
overall efficiency.
Hysteretic operation adaptively reduces the SC472B
switching frequency at light loads. Combined with an auto-
matic “powersave” mode which prevents negative current
flow in the low-side FET, system efficiency is significantly
enhanced during light loading conditions.
A 5-bit DAC, accurate to 0.85%, sets the output voltage
reference, and implements the voltage range required by
the processor. The DAC slew rate is externally programmed
to minimize transient currents and audible noise. True
differential remote sensing provides accurate point-of-load
regulation at the processor die. Other features include
programmable soft-start, an open-drain PWRGD output,
dual-level over-voltage and programmable over-current
protection. The SC472B is available in a space-saving
4x4mm, 24-pin MLP package.
Single-Phase Solution with Integrated Drivers
Hysteretic Control for Fast Transient Response
Active Voltage Positioning
True Differential Remote (die) Sensing
On-Chip Support for all IMVP-6+ Graphics
Power Management Features
VID Programmed Deeper Sleep Voltage
Delayed Power Good Signal with Blanking
Programmable Soft-Start and DAC Slew Control
Programmable OCP Threshold
Supports all Ceramic Decoupling Solutions
24-Pin MLP (4x4)
Lead-Free Package. This product is fully WEEE and
RoHS compliant.
IMVP-6+ Notebook Graphic Cores
Embedded Applications


Similar Part No. - SC472B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC470 SEMTECH-SC470 Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470EVB SEMTECH-SC470EVB Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470IMLTRT SEMTECH-SC470IMLTRT Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC470ITSTRT SEMTECH-SC470ITSTRT Datasheet
559Kb / 31P
Synchronous Buck Controller for Dynamic Load-Voltage Applications
SC471 SEMTECH-SC471 Datasheet
730Kb / 27P
Synchronous Buck Controller with Multi-Level VOUT Transition Support
More results

Similar Description - SC472B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC454 SEMTECH-SC454 Datasheet
63Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
Single-Phase Single Chip Graphics Core Power Supply
SC454 SEMTECH-SC454_09 Datasheet
41Kb / 1P
Single-Phase Single Chip IMVP-6/6 Vcore Power Supply
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
Single-Phase Single Chip Vcore Power Supply
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
Single-Phase PWM Controller for CPU / GPU Core Power Supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
Single Phase Power Supply
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
Single Phase Power Supply
SPDE CARLOGAVAZZI-SPDE Datasheet
3Mb / 19P
Single Phase Compact Power Supply
26/05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com