Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDE Datasheet (PDF) - Carlo Gavazzi Holding AG

SPDE Datasheet PDF - Carlo Gavazzi Holding AG
Part # SPDE
Download  SPDE Download
File Size   3377.59 Kbytes
Page   19 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Single Phase Compact Power Supply

SPDE Datasheet (PDF)

Go To PDF Page Download Datasheet
SPDE Datasheet PDF - Carlo Gavazzi Holding AG

Part # SPDE
Download  SPDE Click to download

File Size   3377.59 Kbytes
Page   19 Pages
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG
Description Single Phase Compact Power Supply

SPDE Datasheet (HTML) - Carlo Gavazzi Holding AG


SPDE Product details

Description
The SPDE series of DIN-rail mount power supplies
encompasses high performance within an extremely
compact footprint. Power ratings start from 75 W
up to 480 W with 12, 24 and 48 VDC output.
The SPDE achieves high operating efficiency of
up to 94% @ 230 VAC. Features such as DC ok
output relay (for SPDE..R models) and built-in
protection functions ensure a high degree of reliability
during operation.

Benefits
• Compact dimensions: SPDE can save up to 50%
panel-width space thanks to its ultra-slim design.
The 480 W model is just 48 mm wide.
• High efficiency: The built-in PFC (on SPDE..R
models) results in high operating efficiency up
to 94%.
• Flexible installation: Universal AC/DC input range
with AC voltage (90 VAC to 264 VAC) or with DC
voltage (120 VDC to 370 VDC).
• Integrated protection: Output short circuit, overcurrent,
over-voltage, over-temperature protection.
• Wide operating temperature: SPDE..R models
can work in extreme temperatures from -40ºC to
+70ºC (-40ºF to +158ºF).

Applications
Installations with limited panel space, industrial equipment, machinery.




Similar Part No. - SPDE

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPD SANYO-SPD Datasheet
57Kb / 2P
C to Ku Band Mixer, Detector, Modulator Applications
logo
Solid States Devices, I...
SPD SSDI-SPD Datasheet
75Kb / 2P
20 Amp 50-400 Volt 120 nsec FAST RECOVERY RECTIFIER
logo
TE Connectivity Ltd
SPD TEC-SPD Datasheet
939Kb / 4P
Compact, High-Performance String Pot Dual Ouput to 50
logo
ABLE Power Products
SPD ABLEPOWERPRODUCTS-SPD Datasheet
234Kb / 1P
Over Voltage & Under Voltage Cut-Off With Surge Protection Device
2/16/2023
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
60W, Single Output Adapter
More results


Similar Description - SPDE

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC453 SEMTECH-SC453 Datasheet
315Kb / 23P
Portable, VID Programmed Single Phase Power Supply Controller
SC457 SEMTECH-SC457 Datasheet
61Kb / 1P
Single-Phase Single Chip Vcore Power Supply
SC473 SEMTECH-SC473 Datasheet
474Kb / 18P
Single-Phase Single Chip Graphics Core Power Supply
SC472B SEMTECH-SC472B Datasheet
228Kb / 1P
Single-Phase Single Chip Graphics Core Power Supply
SC457MLTRT SEMTECH-SC457MLTRT Datasheet
260Kb / 1P
Single-Phase Single Chip Vcore Power Supply
logo
List of Unclassifed Man...
PSRA3 ETC2-PSRA3 Datasheet
886Kb / 2P
Single phase, primary switched mode power supply
logo
Carlo Gavazzi Holding A...
SPPC CARLOGAVAZZI-SPPC Datasheet
3Mb / 36P
Single Phase Power Supply
SPMA CARLOGAVAZZI-SPMA Datasheet
2Mb / 18P
Single Phase Power Supply
SPDM CARLOGAVAZZI-SPDM Datasheet
5Mb / 29P
Single Phase Power Supply
logo
WAGO Kontakttechnik Gmb...
787-2850 WAGO-787-2850 Datasheet
324Kb / 7P
Switched-mode power supply; Compact; 1-phase
More results




About Carlo Gavazzi Holding AG


Carlo Gavazzi Holding AG is a publicly-traded Swiss electronics company that designs, manufactures, and markets a wide range of automation components and systems for industrial and building automation applications. The company was founded in 1931 and is headquartered in Steinhausen, Switzerland.

Carlo Gavazzi's products include sensors, switches, relays, and control components, as well as monitoring and energy management systems for use in industrial and commercial applications. The company's products are used in a variety of industries, including manufacturing, building automation, renewable energy, and transportation.

Carlo Gavazzi also offers engineering and consulting services to help customers optimize their automation systems and improve energy efficiency. The company has a global presence, with operations in Europe, the Americas, and Asia, and sells its products through a network of distributors and partners around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com