Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CENTRONICS Datasheet(PDF) 1 Page - AG Electronica

Part # CENTRONICS
Description  CONECTOR CENTRONICS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AGELECTRONICA [AG Electronica]
Direct Link  https://www.agelectronica.com/
Logo AGELECTRONICA - AG Electronica

CENTRONICS Datasheet(HTML) 1 Page - AG Electronica

  CENTRONICS Datasheet HTML 1Page - AG Electronica CENTRONICS Datasheet HTML 2Page - AG Electronica  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.agelectronica.com
http://www.agelectronica.com
CENTRONICS: CONECTOR CENTRONICS
Descripción
Conector macho tipo Centronics de 36 terminales,para soldar.
Especificaciones
Corriente nominal
1A
Voltaje nominal
1000V AC R.M.S
Resistencia de aislamiento
1000MΩmín.a 500VDC
Resistencia de contacto
30mΩmáx.
Temperatura de operación
-55℃ a 125℃


Similar Part No. - CENTRONICS

ManufacturerPart #DatasheetDescription
logo
DemoPad Software Ltd
CENTRO-8M DEMOPAD-CENTRO-8M Datasheet
269Kb / 2P
CENTRO-8M IP Control Processor
CENTRO-C DEMOPAD-CENTRO-C Datasheet
454Kb / 12P
DemoPad IP Gateway
More results

Similar Description - CENTRONICS

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
OPTO-3800S PURDY-OPTO-3800S Datasheet
720Kb / 1P
Centronics Modems Printer Interface
logo
Amphenol Corporation
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
logo
List of Unclassifed Man...
9542 ETC1-9542 Datasheet
89Kb / 1P
36 way Centronics Cables
logo
Japan Aviation Electron...
FB10S033JA2R6000 JAE-FB10S033JA2R6000 Datasheet
369Kb / 1P
FB10S0 JAE 0.3mm PITCH FPC CONECTOR
logo
Assmann Electronics Inc...
A57-36-F-B-R ASSMANN-A57-36-F-B-R Datasheet
229Kb / 1P
CENTRONICS-CONNECTORS
A-57-36-F-R ASSMANN-A-57-36-F-R Datasheet
1Mb / 1P
CENTRONICS CONNECTOR
A57-50-F-B-R ASSMANN-A57-50-F-B-R Datasheet
229Kb / 1P
CENTRONICS-CONNECTORS
A-57-50-FR-KL-R ASSMANN-A-57-50-FR-KL-R Datasheet
92Kb / 1P
Centronics-Connectors, Female
logo
Glenair, Inc.
240-838A GLENAIR-240-838A Datasheet
100Kb / 2P
Conector Adapter
logo
HARTING Technology Grou...
09-03-264-6855 HARTING-09-03-264-6855 Datasheet
724Kb / 4P
CONECTOR DIN 64 FEMEA 2,9C1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com